Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUW-JLSH Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LUW-JLSH
Description  white SMT package, colored silicone resin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUW-JLSH Datasheet(HTML) 1 Page - OSRAM GmbH

  LUW-JLSH Datasheet HTML 1Page - OSRAM GmbH LUW-JLSH Datasheet HTML 2Page - OSRAM GmbH LUW-JLSH Datasheet HTML 3Page - OSRAM GmbH LUW-JLSH Datasheet HTML 4Page - OSRAM GmbH LUW-JLSH Datasheet HTML 5Page - OSRAM GmbH LUW-JLSH Datasheet HTML 6Page - OSRAM GmbH LUW-JLSH Datasheet HTML 7Page - OSRAM GmbH LUW-JLSH Datasheet HTML 8Page - OSRAM GmbH LUW-JLSH Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
201
7-07-18
1
2015-01-08
TOPLED E3014
Datasheet
Version 1.
9 (not for new design)
LUW JLSH
The TOPLED E3014 has a wide beam angle with a
compact format (3.0 mm x 1.4 mm) and is one of the
smallest LED for screen backlighting. It is therefore
ideal for injecting in light guides for homogeneous
illumination applications where the TOPLED E3014
never fails to impress with its performance on system
level.
Die TOPLED E3014 hat einen breites
Abstrahlverhalten mit einem kompakten Format (3,0
mm x 1,4 mm) und ist eine der schmalsten LED für
Bildschirm Hinterleuchtung. Damit ist sie ideal für die
Einkopplung in Lichtleiter um eine homogene
Beleuchtung zu erzielen bei der die TOPLED E3014
mit ihrer Leistung auf Systemebene überzeugen kann.
Features:
Besondere Merkmale:
• Package: white SMT package, colored silicone
resin
•
Gehäusetyp: weißes SMT Gehäuse, farbiger
Silikon-Verguss
• Technology: InGaN on Sapphire
•
Technologie: InGaN on Sapphire
• Viewing angle at 50 % I
V: 110°
•
Abstrahlwinkel bei 50 % I
V: 110°
• Color: Cx = 0.29, Cy = 0.27 acc. to CIE 1931
(ultra white)
•
Farbe: Cx = 0.29, Cy = 0.27 nach CIE 1931 (ultra
weiß)
• Optical efficiency (typ.): 100 lm/W (ultra white)
•
Optischer Wirkungsgrad (typ.): 100 lm/W (ultra
weiß)
Applications
Anwendungen
• LCD Backlighting
•
LCD Beleuchtung


Similar Part No. - LUW-JLSH

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LUW-JLSH AMSOSRAM-LUW-JLSH Datasheet
2Mb / 23P
TOPLED® E3014
2022-06-03
LUW-JLSH-01 AMSOSRAM-LUW-JLSH-01 Datasheet
1Mb / 23P
TOPLED® E3014
2021-09-24
More results

Similar Description - LUW-JLSH

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCYW5SM-HZJZ-5E-1 OSRAM-LCYW5SM-HZJZ-5E-1 Datasheet
622Kb / 22P
white SMT package, colored diffused silicone resin
CUW-Y3SH.B1 OSRAM-CUW-Y3SH.B1 Datasheet
591Kb / 23P
white SMT package, colored diffused silicone resin
GW-JDSMS1.EC OSRAM-GW-JDSMS1.EC Datasheet
1Mb / 25P
white SMT package, colored diffused silicone resin
GW-JDSMS1.PC OSRAM-GW-JDSMS1.PC Datasheet
1Mb / 23P
white SMT package, colored diffused silicone resin
GW-JDSTS2.EM OSRAM-GW-JDSTS2.EM Datasheet
3Mb / 26P
white SMT package, colored diffused silicone resin
GW-P7LM32.CM OSRAM-GW-P7LM32.CM Datasheet
2Mb / 24P
white SMT package, colored diffused silicone resin
GW-P9LR32.EM OSRAM-GW-P9LR32.EM Datasheet
2Mb / 24P
white SMT package, colored diffused silicone resin
KW-DCLMS1.PC OSRAM-KW-DCLMS1.PC Datasheet
1Mb / 25P
white SMT package, colored silicone resin
LUW-JDSH.EC-F OSRAM-LUW-JDSH.EC-F Datasheet
344Kb / 22P
white SMT package, colored silicone resin
LUW-JDSI.EC OSRAM-LUW-JDSI.EC Datasheet
344Kb / 22P
white SMT package, colored silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com