Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCW-G6CP Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LCW-G6CP
Description  white SMT package, colorless clear silicone resin
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-G6CP Datasheet(HTML) 1 Page - OSRAM GmbH

  LCW-G6CP Datasheet HTML 1Page - OSRAM GmbH LCW-G6CP Datasheet HTML 2Page - OSRAM GmbH LCW-G6CP Datasheet HTML 3Page - OSRAM GmbH LCW-G6CP Datasheet HTML 4Page - OSRAM GmbH LCW-G6CP Datasheet HTML 5Page - OSRAM GmbH LCW-G6CP Datasheet HTML 6Page - OSRAM GmbH LCW-G6CP Datasheet HTML 7Page - OSRAM GmbH LCW-G6CP Datasheet HTML 8Page - OSRAM GmbH LCW-G6CP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
2015-04-30
1
2015-04-30
Advanced Power TOPLED
Datasheet
Version 1.2
LCW G6CP
Advanced Power TOPLED features a compact
package with a wide brightness range and high
luminous efficiency.
Advanced Power TOPLED verfügt über eine
platzsparende Bauform mit einer breiten Spanne an
Helligkeit und hoher Lichtausbeute.
Features:
Besondere Merkmale:
•
Package: white SMT package, colorless clear
silicone resin
•
Gehäusetyp: weißes SMT Gehäuse, farbloser,
klarer Silikon Verguss
•
Technology: ThinGaN
•
Technologie: ThinGaN
•
Viewing angle at 50 % I
V: 120° (Lambertian
Emitter)
•
Abstrahlwinkel bei 50 % I
V: 120° (Lambertscher
Strahler)
•
Color: Cx = 0.42, Cy = 0.40 acc. to CIE 1931
(warm white); CRI (typ.) = 80; CTR = 2500 K - 4800
K
•
Farbe: Cx = 0.42, Cy = 0.40 nach CIE 1931
(warmweiß); CRI (typ.) = 80; CTR = 2500 K - 4800 K
•
Optical efficiency (typ.): 51 lm/W (warm white) at
3500 K
•
Optischer Wirkungsgrad (typ.): 51 lm/W
(warmweiß) at 3500 K
•
Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
•
Automotive Interior Lighting
•
Automobilbeleuchtung innen
•
Exterior Automotive Lighting
•
Automobilbeleuchtung außen
•
Architectural Lighting indoor and outdoor
•
Architekturbeleuchtung innen und außen
•
White Goods Lighting
•
Weiße Ware


Similar Part No. - LCW-G6CP

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LCW-G6CP AMSOSRAM-LCW-G6CP Datasheet
1Mb / 26P
Advanced Power TOPLED®
2020-06-29
More results

Similar Description - LCW-G6CP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCWG6CP OSRAM-LCWG6CP Datasheet
805Kb / 28P
white SMT package, colorless clear silicone resin
LR-G6SP OSRAM-LR-G6SP Datasheet
958Kb / 21P
white SMT package, colorless clear silicone resin
LT-G6SP OSRAM-LT-G6SP Datasheet
663Kb / 22P
white SMT package, colorless clear silicone resin
LY-G6SP OSRAM-LY-G6SP Datasheet
611Kb / 21P
white SMT package, colorless clear silicone resin
LB-A6SG OSRAM-LB-A6SG Datasheet
269Kb / 16P
white SMT package, colorless clear silicone resin
LB-P4SG OSRAM-LB-P4SG Datasheet
639Kb / 22P
white SMT package, colorless clear silicone resin
LS-G6SP OSRAM-LS-G6SP Datasheet
958Kb / 21P
white SMT package, colorless clear silicone resin
LT-P4SG OSRAM-LT-P4SG Datasheet
597Kb / 22P
white SMT package, colorless clear silicone resin
LW-G6CP OSRAM-LW-G6CP Datasheet
674Kb / 23P
white SMT package, colorless clear silicone resin
LUW-GVCP OSRAM-LUW-GVCP Datasheet
670Kb / 22P
white SMT package, colorless clear silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com