Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GDZ12LP3 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # GDZ12LP3
Description  ULTRA-SMALL LEADLESS SURFACE MOUNT ZENER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

GDZ12LP3 Datasheet(HTML) 1 Page - Diodes Incorporated

  GDZ12LP3 Datasheet HTML 1Page - Diodes Incorporated GDZ12LP3 Datasheet HTML 2Page - Diodes Incorporated GDZ12LP3 Datasheet HTML 3Page - Diodes Incorporated GDZ12LP3 Datasheet HTML 4Page - Diodes Incorporated GDZ12LP3 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GDZ2V7LP3 - GDZ24LP3
Document number: DS35065 Rev. 18
– 2
1 of 5
www.diodes.com
September 2017
© Diodes Incorporated
GDZ2V7LP3 - GDZ24LP3
ULTRA-SMALL LEADLESS
SURFACE MOUNT ZENER DIODE
Features
Ultra-Small Leadless Surface Mount Package (0.6 x 0.3mm)
Ultra-Low Profile Package (0.3mm)
Ideally Suited for Automated Assembly Processes
Low Leakage Current, Suitable for Battery-Powered Applications
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: X3-DFN0603-2
Case Material: Molded P
lastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: Cathode Bar
Terminals: Finish
Matte Tin over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.2 mg (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
(Type Number)-7*
X3-DFN0603-2
10,000/Tape & Reel
*Add “-7” to the appropriate type number in Electrical Characteristics Table. Example: 6.2V Zener = GDZ6V2LP3-7.
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
xx = Product Type Marking Code
(See Electrical Characteristics Table)
Line Denotes Cathode Side
Top View
Bottom View
X3-DFN0603-2
1
Cathode
2
Anode
Pin 1


Similar Part No. - GDZ12LP3

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
GDZ12 WILLAS-GDZ12 Datasheet
401Kb / 4P
AXIAL LEAD ZENER DIODES
logo
Frontier Electronics.
GDZ12A FRONTIER-GDZ12A Datasheet
125Kb / 4P
500m WATT ZENER DIODE
logo
EIC discrete Semiconduc...
GDZ12B EIC-GDZ12B Datasheet
40Kb / 2P
ZENER DIODES
logo
SynSemi, Inc.
GDZ12B SYNSEMI-GDZ12B Datasheet
77Kb / 2P
ZENER DIODES
logo
Frontier Electronics.
GDZ12B FRONTIER-GDZ12B Datasheet
125Kb / 4P
500m WATT ZENER DIODE
More results

Similar Description - GDZ12LP3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MLL746A MICROSEMI-MLL746A Datasheet
82Kb / 2P
LEADLESS GLASS ZENER DIODE SURFACE MOUNT
MLL957B MICROSEMI-MLL957B Datasheet
72Kb / 3P
LEADLESS GLASS ZENER DIODE SURFACE MOUNT
CDLL5518 MICROSEMI-CDLL5518 Datasheet
113Kb / 2P
LEADLESS PACKAGE FOR SURFACE MOUNT ZENER DIODE, 500mW
logo
Diodes Incorporated
1SS361LP3 DIODES-1SS361LP3 Datasheet
96Kb / 4P
ULTRA-SMALL LEADLESS SURFACE MOUNT SWITCHING DIODE
Rev erse
GDZ5V1LP3 DIODES-GDZ5V1LP3 Datasheet
94Kb / 4P
ULTRA-SMALL LEADLESS SURFACE MOUNT ZENER DIODE
Rev 12
logo
Vishay Siliconix
DS30506 VISHAY-DS30506 Datasheet
87Kb / 5P
Ultra-Small Leadless Surface Mount Package
logo
Diodes Incorporated
1SS361LP3 DIODES-1SS361LP3_15 Datasheet
176Kb / 4P
ULTRA-SMALL LEADLESS SURFACE MOUNT SWITCHING DIODE
Rev erse
GDZ8V2BLP3 DIODES-GDZ8V2BLP3_15 Datasheet
94Kb / 4P
ULTRA-SMALL LEADLESS SURFACE MOUNT ZENER DIODE
Rev 1
GDZ3V9LP3 DIODES-GDZ3V9LP3 Datasheet
212Kb / 4P
ULTRA-SMALL LEADLESS SURFACE MOUNT ZENER DIODE
Rev 16
GDZ8V2BLP3 DIODES-GDZ8V2BLP3 Datasheet
93Kb / 4P
ULTRA-SMALL LEADLESS SURFACE MOUNT ZENER DIODE
Rev. 1 - 2 February 2012
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com