Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0430450220 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0430450220
Description  Micro-Fit 3.0 Vertical Header, 3.00mm Pitch, Dual Row, 2 Circuits, with Solder Tab,Gold, Glow Wire Capable, Black
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0430450220 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0430450220 Datasheet HTML 1Page - Molex Electronics Ltd. 0430450220 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/12/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0430450220
Status:
Active
Overview:
Micro-Fit 3.0 Connector System Product Family
Description:
Micro-Fit 3.0 Vertical Header, 3.00mm Pitch, Dual Row, 2 Circuits, with Solder Tab,
Gold, Glow Wire Capable, Black
Documents:
3D Model
Product Specification TS-43045-002-001 (PDF)
Drawing (PDF)
Product Specification TS-46235-001-001 (PDF)
Product Specification PS-43045 (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification TS-43045-001-001 (PDF)
Product Literature (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
43045
Application
Power, Wire-to-Board
Comments
"""""""High Temperature|Square Pin|Solder
Type<P><P>This Molex product is manufactured
from material that has the following ratings, tested
by independent agencies:. a) A Glow Wire Ignition
Temperature (GWIT) of at least 775 deg C per IEC
60695-2-13.. b) A Glow Wire Flammability Index
(GWFI) above 850 deg C per IEC 60695-2-12.and
hence complies with the requirements set out in the
International Standard IEC 60335-1 5th edition -
household and similar electrical appliances - safety,
section 30 Resistance to heat and fire. <P><P> The
customers using this product must determine its
suitability for use in their particular application through
testing or other acceptable means as described in
end-product glow-wire flammability test standard
IEC 60695-2-11 and any applicable product end-
use standard(s). <P> If it is determined during the
customer’s evaluation of suitability, that higher
performance is required, please contact Molex for
possible product options."""""""
Overview
Micro-Fit 3.0 Connector System Product Family
Product Literature Order No
987650-5984
Product Name
Micro-Fit 3.0
UPC
800754370257
Physical
Breakaway
No
Circuits (Loaded)
2
Circuits (maximum)
2
Color - Resin
Black
Durability (mating cycles max)
30
Flammability
94V-0
Glow-Wire Capable
Yes
Mated Height
17.64mm
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2018 (15
January 2018)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
43045 Series
Mates With
Micro-Fit 3.0 Receptacle Housing 43025
<br>Micro-Fit 3.0 TPA Receptacle Housing
172952


Similar Part No. - 0430450220

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0430450220 MOLEX5-0430450220 Datasheet
187Kb / 3P
3.00mm (.118") Pitch Micro-Fit 3.0??Header, Surface Mount, Dual Row, Vertical, with Solder Tab, 2 Circuits
More results

Similar Description - 0430450220

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0430450209 MOLEX1-0430450209_18 Datasheet
43Kb / 2P
Micro-Fit 3.0 Right Angle Header, 3.00mm Pitch, Dual Row, 2 Circuits, with Solder Tab,Tin, Glow Wire Capable, Black
0430450210 MOLEX1-0430450210_18 Datasheet
43Kb / 2P
Micro-Fit 3.0 Right Angle Header, 3.00mm Pitch, Dual Row, 2 Circuits, with Solder Tab,Gold, Glow Wire Capable, Black
0430450211 MOLEX1-0430450211_18 Datasheet
43Kb / 2P
Micro-Fit 3.0 Right Angle Header, 3.00mm Pitch, Dual Row, 2 Circuits, with Solder Tab,Gold, Glow Wire Capable, Black
0430450213 MOLEX1-0430450213_18 Datasheet
36Kb / 2P
Micro-Fit 3.0 Vertical Header, 3.00mm Pitch, Dual Row, 2 Circuits, with PCB Polarizing Peg, Gold, Glow Wire Capable, Black
0430450214 MOLEX1-0430450214_18 Datasheet
36Kb / 2P
Micro-Fit 3.0 Vertical Header, 3.00mm Pitch, Dual Row, 2 Circuits, with PCB Polarizing Peg, Gold, Glow Wire Capable, Black
0430450218 MOLEX1-0430450218_18 Datasheet
37Kb / 2P
Micro-Fit 3.0 Vertical Header, 3.00mm Pitch, Dual Row, 2 Circuits, with Solder Tab, Tin,Glow Wire Capable, Black
0430450219 MOLEX1-0430450219_18 Datasheet
37Kb / 2P
Micro-Fit 3.0 Vertical Header, 3.00mm Pitch, Dual Row, 2 Circuits, with Solder Tab,Gold, Glow Wire Capable, Black
0430450225 MOLEX1-0430450225_18 Datasheet
36Kb / 2P
Micro-Fit 3.0 Vertical Header, 3.00mm Pitch, Dual Row, 2 Circuits, with PCB Press-fit Metal Retention Clip, Gold, Glow Wire Capable, Black
0430450228 MOLEX1-0430450228_18 Datasheet
36Kb / 2P
Micro-Fit 3.0 Vertical Header, 3.00mm Pitch, Dual Row, 2 Circuits, with PCB Polarizing Peg, Gold, Glow Wire Capable, Black
0430450229 MOLEX1-0430450229_18 Datasheet
36Kb / 2P
Micro-Fit 3.0 Vertical Header, 3.00mm Pitch, Dual Row, 2 Circuits, with PCB Polarizing Peg, Gold, Glow Wire Capable, Black
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com