Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS-M67K Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LS-M67K
Description  white SMT package, colorless clear resin
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LS-M67K Datasheet(HTML) 1 Page - OSRAM GmbH

  LS-M67K Datasheet HTML 1Page - OSRAM GmbH LS-M67K Datasheet HTML 2Page - OSRAM GmbH LS-M67K Datasheet HTML 3Page - OSRAM GmbH LS-M67K Datasheet HTML 4Page - OSRAM GmbH LS-M67K Datasheet HTML 5Page - OSRAM GmbH LS-M67K Datasheet HTML 6Page - OSRAM GmbH LS-M67K Datasheet HTML 7Page - OSRAM GmbH LS-M67K Datasheet HTML 8Page - OSRAM GmbH LS-M67K Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
2014-10-30
1
2014-10-30
Mini TOPLED
Datasheet
Version 1.3
LS M67K
Features:
Besondere Merkmale:
• Package: white SMT package, colorless clear
resin
•
Gehäusetyp: weißes SMT Gehäuse, farbloser
klarer Verguss
• Technology: InGaAlP
•
Technologie: InGaAlP
• Viewing angle at 50 % I
V: 120° (Lambertian
Emitter)
•
Abstrahlwinkel bei 50 % I
V: 120° (Lambertscher
Strahler)
• Color: super red (630 nm)
•
Farbe: super rot (630 nm)
• Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
• Optical Indicator
•
Optischer Indikator
• Coupling into light guides
•
Einkopplung in Lichtleiter
• Backlighting
•
Hinterleuchtung
• Automotive Interior Lighting
•
Automobilbeleuchtung innen


Similar Part No. - LS-M67K

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LS-M67K AMSOSRAM-LS-M67K Datasheet
1Mb / 22P
Mini TOPLED®
2024-11-22
logo
OSRAM GmbH
LS-M67K-H2L1-1-Z OSRAM-LS-M67K-H2L1-1-Z Datasheet
500Kb / 20P
Mini TOPLED
More results

Similar Description - LS-M67K

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
CT-DELSS1.12 OSRAM-CT-DELSS1.12 Datasheet
694Kb / 22P
white SMT package, colorless clear resin
LA-M676 OSRAM-LA-M676 Datasheet
505Kb / 20P
white SMT package, colorless clear resin
LB-A676 OSRAM-LB-A676 Datasheet
386Kb / 15P
white SMT package, colorless clear resin
LB-M47C OSRAM-LB-M47C Datasheet
415Kb / 15P
white SMT package, colorless clear resin
LB-Y8SG OSRAM-LB-Y8SG Datasheet
1Mb / 22P
white SMT package, colorless clear resin
LG-Y876 OSRAM-LG-Y876 Datasheet
962Kb / 22P
white SMT package, colorless clear resin
LO-A67B OSRAM-LO-A67B Datasheet
437Kb / 19P
white SMT package, colorless clear resin
LO-A67F OSRAM-LO-A67F Datasheet
521Kb / 21P
white SMT package, colorless clear resin
LO-P47F OSRAM-LO-P47F Datasheet
525Kb / 22P
white SMT package, colorless clear resin
LO-T770 OSRAM-LO-T770 Datasheet
429Kb / 19P
white SMT package, colorless clear resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com