Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP-T67F Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LP-T67F
Description  white PLCC-2 package, colorless clear resin
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LP-T67F Datasheet(HTML) 1 Page - OSRAM GmbH

  LP-T67F Datasheet HTML 1Page - OSRAM GmbH LP-T67F Datasheet HTML 2Page - OSRAM GmbH LP-T67F Datasheet HTML 3Page - OSRAM GmbH LP-T67F Datasheet HTML 4Page - OSRAM GmbH LP-T67F Datasheet HTML 5Page - OSRAM GmbH LP-T67F Datasheet HTML 6Page - OSRAM GmbH LP-T67F Datasheet HTML 7Page - OSRAM GmbH LP-T67F Datasheet HTML 8Page - OSRAM GmbH LP-T67F Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
2012-03-12
1
2012-03-12
TOPLED
Datasheet
Version 1.0
LP T67F
First SMT LED with integrated reflector. With our
great experience on SMT LED we are able to offer a
high quality product for all kind of applications.
Erste SMT LED mit integrierten Reflektor. Mit unserer
großen Erfahrung auf dem Gebiet der SMT LEDs sind
wir in der Lage ein qualitativ hochwertiges Produkt für
alle Anwenundgen anzubieten.
Features:
Besondere Merkmale:
•
Package: white PLCC-2 package, colorless clear
resin
•
Gehäusetyp: weisses PLCC-2 Gehäuse,
farbloser klarer Verguss
•
Technology: InGaAlP Thinfilm
•
Technologie: InGaAlP Thinfilm
•
Viewing angle at 50 % I
V: (typ.) 120°
(Lambertian Emitter)
•
Abstrahlwinkel bei 50 % I
V: (typ.) 120°
(Lambertscher Strahler)
•
Color: pure green (560 nm)
•
Farbe: pure green (560 nm)
•
ESD-withstand voltage: up to 2 kV acc. to
JESD22-A114-F
•
ESD-Festigkeit: ESD-sicher bis 2 kV nach
JESD22-A114-F
•
Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
•
Backlighting
•
Hinterleuchtung
•
Automotive Interior Lighting
•
Automobilbeleuchtung innen
•
Signal and Symbol Luminairy
•
Signal- und Symbolleuchten
•
Coupling into light guides
•
Einkopplung in Lichtleiter
•
Information Disyplays
•
Informationsanzeigen


Similar Part No. - LP-T67F

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LP-T67F AMSOSRAM-LP-T67F Datasheet
1Mb / 23P
TOPLED®
2022-09-14
More results

Similar Description - LP-T67F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LA-T67D OSRAM-LA-T67D Datasheet
1Mb / 19P
white PLCC-2 package, colorless clear resin
LG-T670 OSRAM-LG-T670 Datasheet
442Kb / 19P
white PLCC-2 package, colorless clear resin
LG-T679 OSRAM-LG-T679 Datasheet
440Kb / 19P
white PLCC-2 package, colorless clear resin
LO-T676 OSRAM-LO-T676 Datasheet
477Kb / 19P
white PLCC-2 package, colorless clear resin
LS-T679 OSRAM-LS-T679 Datasheet
439Kb / 19P
white PLCC-2 package, colorless clear resin
LT-T67C OSRAM-LT-T67C Datasheet
606Kb / 22P
white PLCC-2 package, colorless clear resin
LT-TTSD OSRAM-LT-TTSD Datasheet
737Kb / 22P
white PLCC-2 package, colorless clear resin
LY-T67K OSRAM-LY-T67K Datasheet
444Kb / 19P
white PLCC-2 package, colorless clear resin
LY-T676 OSRAM-LY-T676 Datasheet
990Kb / 22P
white PLCC-2 package, colorless clear resin
LY-T679 OSRAM-LY-T679 Datasheet
440Kb / 19P
white PLCC-2 package, colorless clear resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com