Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GHLEBBOBN Datasheet(PDF) 2 Page - CIT Relay & Switch

Part # GHLEBBOBN
Description  Illuminated Pushbutton - 10mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

GHLEBBOBN Datasheet(HTML) 2 Page - CIT Relay & Switch

  GHLEBBOBN Datasheet HTML 1Page - CIT Relay & Switch GHLEBBOBN Datasheet HTML 2Page - CIT Relay & Switch GHLEBBOBN Datasheet HTML 3Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
page 2
GH
Illuminated Pushbutton - 10mm
Dimensions
12.00
[.47]
13.60
[.54]
Ø6.48
[.26]
6.50 MAX
[.26]
2.70
[.11]
1.80
[.07]
32.90
[1.30]
1.75 TYP
[.07]
M10x0.75
Ø6.48
[.26]
12.00
[.47]
13.60
[.54]
Ø8.00 ILLUMINATED RING
[.31]
6.50 MAX
[.26]
2.70
[.11]
1.80
[.07]
32.90
[1.30]
1.75 TYP
[.07]
Ø6.48
[.26]
M10x0.75
DE
Panel Cut-Out
Bottom View
5.22
[.21]
5.30
[.21]
LED +
LED -
Ø10.00
[.39]



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com