Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUWCPDP Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LUWCPDP
Description  SMD ceramic package with silicon resin with lens
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUWCPDP Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LUWCPDP Datasheet HTML 8Page - OSRAM GmbH LUWCPDP Datasheet HTML 9Page - OSRAM GmbH LUWCPDP Datasheet HTML 10Page - OSRAM GmbH LUWCPDP Datasheet HTML 11Page - OSRAM GmbH LUWCPDP Datasheet HTML 12Page - OSRAM GmbH LUWCPDP Datasheet HTML 13Page - OSRAM GmbH LUWCPDP Datasheet HTML 14Page - OSRAM GmbH LUWCPDP Datasheet HTML 15Page - OSRAM GmbH LUWCPDP Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Released
LUW CPDP
2011-03-24
12
Relative Vorwärtsspannung
2) Seite 21
Relative Forward Voltage
2) Seite 21
ΔV
F = VF - VF(25 °C) = f (Tj); IF = 350 mA
Farbortverschiebung
2) Seite 21
Chromaticity Coordinate Shift
2) Seite 21
x, y = f (T
j); IF = 350 mA
Relativer Lichtstrom
2) Seite 21
Relative Luminous Flux
2) page 21
Φ
V/ΦV(25 °C) = f (T
j); IF = 350 mA
-40
-0.3
˚C
T
j
OHL04428
V
F
V
Δ
-20
0
20 40 60 80
120
-0.2
-0.1
0
0.1
0.2
0.3
OHL04430
Cx,
Δ
Cy
Δ
-40
˚C
j
T
-20
0
20 40 60 80
120
-0.03
Cx
Cy
-0.02
-0.01
0
0.01
0.02
0.03
OHL04429
-40
˚C
j
T
-20
0
20 40 60 80
120
0
V
V (25 ˚C)
Φ
Φ
0.2
0.4
0.6
0.8
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com