Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRCP7P Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LRCP7P
Description  SMT ceramic package with silicone resin and silicone lens
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRCP7P Datasheet(HTML) 5 Page - OSRAM GmbH

  LRCP7P Datasheet HTML 1Page - OSRAM GmbH LRCP7P Datasheet HTML 2Page - OSRAM GmbH LRCP7P Datasheet HTML 3Page - OSRAM GmbH LRCP7P Datasheet HTML 4Page - OSRAM GmbH LRCP7P Datasheet HTML 5Page - OSRAM GmbH LRCP7P Datasheet HTML 6Page - OSRAM GmbH LRCP7P Datasheet HTML 7Page - OSRAM GmbH LRCP7P Datasheet HTML 8Page - OSRAM GmbH LRCP7P Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Version 1.3
LR CP7P
2015-12-18
5
Brightness Groups
Helligkeitsgruppen
Dominant Wavelength Groups
Dominant Wellenlängengruppen
Group
Luminous Flux 1) page 19
Luminous Flux 1) page 19
Luminous Intensity
5) page 19
Gruppe
Lichtstrom 1) Seite 19
Lichtstrom 1) Seite 19
Lichtstärke 5) Seite 19
(min.) Φ
V [lm]
(max.) Φ
V [lm]
(typ.) I
V [cd]
JR
52
56.3
30
JS
56.3
61
33
JT
61
65.8
36
JU
65.8
71
38
Group
red
Gruppe
(min.) λ
dom
[nm]
(max.) λ
dom
[nm]
1
620
632
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com