Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBCPDP Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LBCPDP
Description  SMT ceramic package with silicone resin and silicone lens
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBCPDP Datasheet(HTML) 5 Page - OSRAM GmbH

  LBCPDP Datasheet HTML 1Page - OSRAM GmbH LBCPDP Datasheet HTML 2Page - OSRAM GmbH LBCPDP Datasheet HTML 3Page - OSRAM GmbH LBCPDP Datasheet HTML 4Page - OSRAM GmbH LBCPDP Datasheet HTML 5Page - OSRAM GmbH LBCPDP Datasheet HTML 6Page - OSRAM GmbH LBCPDP Datasheet HTML 7Page - OSRAM GmbH LBCPDP Datasheet HTML 8Page - OSRAM GmbH LBCPDP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Version 1.3
LB CPDP
2015-12-21
5
Brightness Groups
Helligkeitsgruppen
Dominant Wavelength Groups
Dominant Wellenlängengruppen
Group
Luminous Flux 1) page 21
Luminous Flux 1) page 21
Luminous Intensity
5) page 21
Gruppe
Lichtstrom 1) Seite 21
Lichtstrom 1) Seite 21
Lichtstärke 5) Seite 21
(min.) Φ
V [lm]
(max.) Φ
V [lm]
(typ.) I
V [cd]
GY
21
24
5
GZ
24
28
6
HX
28
33
7
HY
33
39
8
Group
blue
Gruppe
(min.) λ
dom
[nm]
(max.) λ
dom
[nm]
3
464
468
4
468
472
5
472
476
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com