Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBCP7P Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LBCP7P
Description  SMT ceramic package with silicone resin and silicone lens
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBCP7P Datasheet(HTML) 5 Page - OSRAM GmbH

  LBCP7P Datasheet HTML 1Page - OSRAM GmbH LBCP7P Datasheet HTML 2Page - OSRAM GmbH LBCP7P Datasheet HTML 3Page - OSRAM GmbH LBCP7P Datasheet HTML 4Page - OSRAM GmbH LBCP7P Datasheet HTML 5Page - OSRAM GmbH LBCP7P Datasheet HTML 6Page - OSRAM GmbH LBCP7P Datasheet HTML 7Page - OSRAM GmbH LBCP7P Datasheet HTML 8Page - OSRAM GmbH LBCP7P Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Version 1.2
LB CP7P
2013-06-15
5
Brightness Groups
Helligkeitsgruppen
Dominant Wavelength Groups 3) page 22
Dominant Wellenlängengruppen 3) Seite 22
Group
Luminous Flux
1) page 22
Luminous Flux
1) page 22
Luminous Intensity
6) page 22
Gruppe
Lichtstrom 1)Seite 22
Lichtstrom 1) Seite 22
Lichtstärke 6) Seite 22
(min.) ΦV [lm]
(max.) ΦV [lm]
(typ.) IV [cd]
GY
21
24
13
GZ
24
28
15
HX
28
33
17
HY
33
39
20
Note: The standard shipping format for serial types includes either a lower family group, an upper family group or
a grouping of all individual brightness groups of only a few brightness groups. Individual brightness groups
cannot be ordered.
Anm.: Die Standardlieferform von Serientypen beinhaltet entweder eine untere Familiengruppe, eine obere
Familiengruppe oder eine Sammelgruppe, die aus nur wenigen Helligkeitsgruppen besteht. Einzelne
Helligkeitsgruppen sind nicht bestellbar.
Group
blue
Gruppe
(min.) λdom
[nm]
(max.) λdom
[nm]
3
464
468
4
468
472
5
472
476
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com