Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N2764BU-059 Datasheet(PDF) 26 Page - Keysight Technologies

Part # N2764BU-059
Description  Infiniium Z-Series Oscilloscopes
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N2764BU-059 Datasheet(HTML) 26 Page - Keysight Technologies

Back Button N2764BU-059 Datasheet HTML 22Page - Keysight Technologies N2764BU-059 Datasheet HTML 23Page - Keysight Technologies N2764BU-059 Datasheet HTML 24Page - Keysight Technologies N2764BU-059 Datasheet HTML 25Page - Keysight Technologies N2764BU-059 Datasheet HTML 26Page - Keysight Technologies N2764BU-059 Datasheet HTML 27Page - Keysight Technologies N2764BU-059 Datasheet HTML 28Page - Keysight Technologies N2764BU-059 Datasheet HTML 29Page - Keysight Technologies N2764BU-059 Datasheet HTML 30Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
26 | Keysight | Infiniium Z-Series Oscilloscopes - Data Sheet
Compliance and Automation Testing: User-Defined Application (N5467B)
Custom automation for your
Z-Series oscilloscope
The user-defined application is the
only fully customizable automated
environment made for an oscilloscope by
an oscilloscope designer. It provides full
automation, including the ability to control
other Keysight instruments, external
applications such as MATLAB and your
DUT software.
Simplify your automation
The user-defined application (UDA) makes
automation simple. The application takes
the Infiniium compliance application
framework and gives you full access to
its interface. UDA allows for automation
testing in as little as one minute. Use UDA
to control other Keysight instruments
such as signal generators and network
analyzers to create a full suite of
measurements.
Full measurement report
No automation would be complete without
a simple-to-view and easy-to-understand
report. UDA provides a full report of the
pass/fail criteria you have provided.
Add-in capability
Ever wanted to add testing to your
compliance applications? All Infiniium
compliance applications support the
industry’s most flexible testing mechanism
with UDA add-in capability. Create the
custom testing you need and then plug
it into your compliance application to
expand the application to your testing
needs. UDA add-in capability is available
only on Infiniium oscilloscopes.
PrecisionProbe and switch
compatibility
UDA makes automation of switches in
your system simple and accurate. Use
PrecisionProbe to characterize the path of
the switch and then let UDA’s unique GUI
switch between every input in your switch
system. Every input can look identical
in its frequency response thanks to this
advanced technology.
Customize your own tests and requirements with user-defined application in the familiar Keysight
framework.
Add a switch when testing your multi-lane signals to automate tedious test requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com