Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLMS2000 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLMS2000
Description  Low Current MiniLED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMS2000 Datasheet(HTML) 1 Page - Vishay Siliconix

  TLMS2000 Datasheet HTML 1Page - Vishay Siliconix TLMS2000 Datasheet HTML 2Page - Vishay Siliconix TLMS2000 Datasheet HTML 3Page - Vishay Siliconix TLMS2000 Datasheet HTML 4Page - Vishay Siliconix TLMS2000 Datasheet HTML 5Page - Vishay Siliconix TLMS2000 Datasheet HTML 6Page - Vishay Siliconix TLMS2000 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TLMO / S / Y2000
Document Number 83185
Rev. 1.3, 21-Jan-05
Vishay Semiconductors
www.vishay.com
1
e3 Pb
Pb-free
19226
Low Current MiniLED
Description
The new low current MiniLED Series have been
designed in a small white SMT package. The feature
of the device is the very small package 2.3 mm x 1.3
mm x 1.4 mm and the low forward current. The Min-
LED is an obvious solution for small-scale, high-
power products that are expected to work reliability in
an arduous environment. This is often the case in
automotive and industrial application.
Features
• SMD LEDs with exceptional brightness
• Luminous intensity categorized
• Compatible with automatic placement equipment
• IR reflow soldering
• Available in 8 mm tape
• Low profile package
• Non-diffused lens: Excellent for coupling to light
pipes and backlighting
• Low power consumption
• Luminous intensity ratio in one packing unit
IVmax/IVmin ≤ 2.0, optional ≤ 1.6
• Lead-free device
Applications
Automotive: Backlighting in dashboards and switches
Telecommunication: Indicator and backlighting in
telephone and fax
Indicator and backlight for audio and video equipment
Indicator and backlight in office equipment
Flat backlight for LCDs, switches and symbols
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
TLMS200. ,TLMO200. ,TLMY200.
Part
Color, Luminous Intensity
Angle of Half Intensity (±
ϕ)
Technology
TLMS2000
Red, IV = 4.5 mcd (typ.)
60 °
AlInGaP on GaAs
TLMO2000
Orange, IV = 9.0 mcd (typ.)
60 °
AlInGaP on GaAs
TLMY2000
Yellow, IV = 7.1 mcd (typ.)
60 °
AlInGaP on GaAs
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
5V
DC Forward current
Tamb ≤ 100 °C
IF
15
mA
Surge forward current
tp ≤ 10 µsIFSM
0.1
A
Power dissipation
Tamb ≤ 100 °C
PV
40
mW
Junction temperature
Tj
125
°C
Operating temperature range
Tamb
- 40 to + 100
°C


Similar Part No. - TLMS2000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMS2100 VISHAY-TLMS2100 Datasheet
293Kb / 11P
MiniLED
20-Jan-05
TLMS2100-GS08 VISHAY-TLMS2100-GS08 Datasheet
317Kb / 11P
Standard Mini SMD LED
24-Sep-07
More results

Similar Description - TLMS2000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMB VISHAY-TLMB Datasheet
293Kb / 11P
MiniLED
20-Jan-05
logo
DIOTEC Electronics Corp...
DL4001 DEC-DL4001 Datasheet
947Kb / 2P
Low leakage current
logo
Shenzhen Luguang Electr...
BC860C LUGUANG-BC860C Datasheet
75Kb / 2P
Low current
logo
P-tec Corporation
PL00182-WCRB1811 P-TEC-PL00182-WCRB1811 Datasheet
28Kb / 1P
Low current requirements
PL00182-WCRR2121 P-TEC-PL00182-WCRR2121 Datasheet
55Kb / 1P
Low current requirements
logo
Kingbright Corporation
SA39-11SYKWA KINGBRIGHT-SA39-11SYKWA Datasheet
349Kb / 6P
Low current operation
TA07-11SURKWA KINGBRIGHT-TA07-11SURKWA Datasheet
352Kb / 6P
Low current operation
logo
Inchange Semiconductor ...
20N50 ISC-20N50 Datasheet
146Kb / 2P
Low leakage current
logo
Delta Electronics, Inc.
PJB-24V150WXXA DELTA-PJB-24V150WXXA Datasheet
1Mb / 14P
Low Inrush Current / Low Leakage Current
logo
Vishay Siliconix
VLMYG30H2K1 VISHAY-VLMYG30H2K1 Datasheet
199Kb / 7P
Low Current SMD LED PLCC-2
07-Mar-18
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com