Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ROS-766 Datasheet(PDF) 2 Page - Mini-Circuits

Part # ROS-766
Description  Voltage Controlled Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ROS-766 Datasheet(HTML) 2 Page - Mini-Circuits

  ROS-766 Datasheet HTML 1Page - Mini-Circuits ROS-766 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Performance Data & Curves*
ROS-766+
Page 2 of 2
ROS-766+
Frequency and Tuning Sensitivity
710
720
730
740
750
760
770
780
012
345
Tuning Voltage (V)
8
9
10
11
12
13
14
15
FREQ. @ -55°C
FREQ. @ +25°C
FREQ. @ +85°C
T.SENS @ +25°C
ROS-766+
Power Output
-1.0
-0.5
0.0
0.5
1.0
012
345
Tuning Voltage (V)
-55°C
+25°C
+85°C
ROS-766+
Frequency Pulling & Pushing (Vcc ± 5%)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
012
345
Tuning Voltage (V)
0.00
0.05
0.10
0.15
0.20
0.25
0.30
Pulling
Pushing
ROS-766+
Phase Noise Vs. Tuning Voltage
-160
-150
-140
-130
-120
-110
-100
-90
-80
012345
Tuning Voltage (V)
1KHz
10KHz
100KHz
1MHz
*at 25oC unless mentioned otherwise
ROS-766+
Harmonics Level
-45
-40
-35
-30
-25
-20
-15
-10
012345
Tuning Voltage (V)
F2
F3
F4
ROS-766+
Phase Noise
-160
-150
-140
-130
-120
-110
-100
-90
-80
1
10
100
1000
Frequency Offset (KHz)
V
TUNE
FREQUENCY
POWER OUTPUT
Icc
HARMONICS (dBc)
FREQ. FREQ.
PHASE NOISE (dBc/Hz)
FREQ
PHASE
TUNE SENS
(MHz)
(dBm)
(mA)
PUSH PULL
at offsets
OFFSET NOISE at
(MHz/V)
(MHz/V) (MHz)
(KHz)
744 MHz
-55°C +25°C +85°C -55°C +25°C +85°C
F2
F3
F4
1kHz 10kHz 100kHz
1MHz
(dBc/Hz)
0.00
13.80
716.0
712.6
710.1 -0.37 0.11
0.26 12.82 -22.6
-35.3
-30.1
0.03
0.17
-88.4
-113.5
-133.8
-153.2
1.0
-91.24
0.50
12.07
722.5
719.2
716.9 -0.29 0.20
0.35 12.88 -22.7
-35.9
-30.3
0.05
0.19
-91.8
-113.5
-134.2
-153.8
2.0
-97.68
0.75
11.75
725.5
722.2
719.9 -0.24 0.24
0.39 12.91 -22.7
-36.2
-30.1
0.07
0.21
-90.9
-113.5
-134.2
-153.2
3.5
-102.70
1.00
11.60
728.5
725.1
722.8 -0.20 0.28
0.42 12.93 -22.6
-36.5
-29.9
0.08
0.23
-91.4
-113.7
-134.5
-153.7
6.0
-108.51
1.25
11.58
731.4
728.0
725.7 -0.15 0.32
0.45 12.96 -22.6
-36.8
-29.9
0.08
0.25
-91.7
-114.2
-134.4
-153.8
8.5
-112.82
1.50
11.64
734.4
730.9
728.6 -0.11 0.35
0.48 12.98 -22.6
-37.0
-30.0
0.08
0.28
-92.2
-114.4
-134.4
-154.0
10.0
-113.20
1.75
11.78
737.3
733.8
731.5 -0.06 0.39
0.51 13.01 -22.6
-37.2
-30.2
0.07
0.30
-90.1
-114.5
-134.6
-154.1
20.8
-120.76
2.00
11.95
740.3
736.8
734.4 -0.01
0.41
0.53 13.03 -22.8
-37.3
-30.4
0.05
0.32
-91.9
-113.3
-134.7
-153.4
35.5
-125.35
2.25
12.17
743.3
739.8
737.4
0.03
0.43
0.54 13.05 -22.9
-37.4
-30.6
0.02
0.35
-90.6
-113.7
-134.1
-153.7
60.7
-129.03
2.50
12.41
746.4
742.8
740.4
0.06
0.43
0.55 13.06 -22.9
-37.3
-31.1
0.02
0.37
-89.7
-113.8
-133.9
-154.1
86.7
-132.72
2.75
12.65
749.5
745.9
743.5
0.08
0.42
0.54 13.08 -22.9
-37.4
-31.2
0.06
0.41
-91.7
-113.2
-133.7
-153.5
100.0
-134.10
3.00
12.83
752.6
749.1
746.6
0.08
0.40
0.54 13.09 -22.8
-37.5
-31.6
0.10
0.46
-92.2
-112.9
-133.5
-152.8
148.1
-137.83
3.25
12.93
755.8
752.3
749.8
0.06
0.39
0.53 13.11 -22.7
-37.5
-31.6
0.12
0.49
-90.5
-113.1
-133.9
-152.9
177.0
-138.73
3.50
12.93
759.0
755.5
752.9
0.01
0.37
0.53 13.13 -22.7
-37.6
-31.5
0.13
0.52
-89.6
-113.2
-133.4
-153.1
211.6
-140.50
3.75
12.84
762.3
758.7
756.1 -0.05
0.37
0.53 13.15 -22.8
-37.8
-31.3
0.12
0.54
-89.6
-113.3
-133.6
-153.8
302.4
-142.96
4.00
12.68
765.7
762.0
759.3 -0.11
0.37
0.53 13.17 -22.9
-38.3
-31.2
0.12
0.56
-90.0
-112.9
-133.6
-153.4
361.5
-144.55
4.25
12.47
769.0
765.1
762.4 -0.14
0.37
0.54 13.20 -22.9
-39.1
-31.1
0.12
0.56
-89.6
-113.5
-133.9
-153.6
507.5
-148.48
4.50
12.24
772.2
768.2
765.5 -0.16
0.38
0.54 13.23 -22.8
-39.8
-31.0
0.13
0.57
-91.5
-113.8
-133.8
-153.1
600.0
-149.33
4.75
12.01
775.4
771.3
768.6 -0.16
0.39
0.55 13.25 -22.7
-40.4
-30.7
0.14
0.56
-91.1
-113.8
-134.0
-154.2
851.6
-152.19
5.00
11.79
778.4
774.3
771.6 -0.15
0.39
0.54 13.27 -22.6
-40.9
-30.7
0.17
0.55
-90.3
-113.2
-133.9
-153.1
1000.0
-153.81



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com