Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GWJCLPS2.CM Datasheet(PDF) 1 Page - OSRAM GmbH

Part # GWJCLPS2.CM
Description  DURIS E 3
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWJCLPS2.CM Datasheet(HTML) 1 Page - OSRAM GmbH

  GWJCLPS2.CM Datasheet HTML 1Page - OSRAM GmbH GWJCLPS2.CM Datasheet HTML 2Page - OSRAM GmbH GWJCLPS2.CM Datasheet HTML 3Page - OSRAM GmbH GWJCLPS2.CM Datasheet HTML 4Page - OSRAM GmbH GWJCLPS2.CM Datasheet HTML 5Page - OSRAM GmbH GWJCLPS2.CM Datasheet HTML 6Page - OSRAM GmbH GWJCLPS2.CM Datasheet HTML 7Page - OSRAM GmbH GWJCLPS2.CM Datasheet HTML 8Page - OSRAM GmbH GWJCLPS2.CM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2017-08-03
1
2017-08-03
DURIS
® E 3
Datasheet
GW JCLPS2.CM
The DURIS® E 3 combines high efficacy and a wide
beam angle into a compact format (3.0 mm x 1.4 mm).
This is key to homogeneous illumination applications
where the DURIS® E 3 never fails to impress with its
performance on system level.
Die DURIS® E 3 kombiniert hohe Effizienz und einen
weiten Abstrahlwinkel in einer kompakten Bauform
(3,0 mm x 1,4 mm). Speziell für Anwendungen mit
besonders homogener Lichtverteilung kann die
DURIS® E 3 mit ihrer Leistung auf Systemebene
überzeugen.
Features:
Besondere Merkmale:
Package: white SMT package, colored diffused
silicone resin
Gehäusetyp: weißes SMT Gehäuse, farbiger
diffuser Silikon-Verguss
Viewing angle at 50 % I
V: 120°
Abstrahlwinkel bei 50 % I
V: 120°
Color: 2700 K - 6500 K (white)
Farbe: 2700 K - 6500 K (weiß)
CRI: min. 90
CRI: min. 90
Luminous Flux: typ. 26 lm @ 4000 K
Lichtstrom: typ. 26 lm @ 4000 K
Luminous efficacy: typ. 132 lm/W @ 4000 K
Lichtausbeute: typ. 132 lm/W @ 4000 K
Applications
Anwendungen
Indoor General Lighting
Innen-Allgemeinbeleuchtung
Task lights
Schreibtischleuchten
Retrofits and fixtures
Retrofits
Linear lights
Linearbeleuchtung
Version 1.1


Similar Part No. - GWJCLPS2.CM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWJCLPS2.EM OSRAM-GWJCLPS2.EM Datasheet
1Mb / 24P
Indoor General Lighting
GWJCLPS2.EM-GTHP-A838-1 OSRAM-GWJCLPS2.EM-GTHP-A838-1 Datasheet
1Mb / 24P
Indoor General Lighting
GWJCLPS2.EM-GTHP-XX58-1 OSRAM-GWJCLPS2.EM-GTHP-XX58-1 Datasheet
1Mb / 24P
Indoor General Lighting
GWJCLPS2.EM-GUHQ-A636-1 OSRAM-GWJCLPS2.EM-GUHQ-A636-1 Datasheet
1Mb / 24P
Indoor General Lighting
GWJCLPS2.EM-GUHQ-A737-1 OSRAM-GWJCLPS2.EM-GUHQ-A737-1 Datasheet
1Mb / 24P
Indoor General Lighting
More results

Similar Description - GWJCLPS2.CM

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-009484-ETC31T_V3 MA-COM-MABA-009484-ETC31T_V3 Datasheet
259Kb / 4P
E-Series RF 1:3 Transformer
logo
STMicroelectronics
STEVAL-TDR007V1 STMICROELECTRONICS-STEVAL-TDR007V1 Datasheet
393Kb / 11P
3 stage RF power amplifier demonstration board using: PD57002-E, PD57018-E, 2 x PD57060-E
24-Mar-2009
logo
M/A-COM Technology Solu...
ETC3-1 MA-COM-ETC3-1 Datasheet
81Kb / 1P
E-Series RF 3:1 Transformer
logo
OSRAM GmbH
GWP7LP32.EM OSRAM-GWP7LP32.EM Datasheet
1Mb / 24P
DURIS S 10
GTDASPA1.13 OSRAM-GTDASPA1.13_18 Datasheet
1Mb / 22P
DURIS P 5
GWT3LTF1.EM OSRAM-GWT3LTF1.EM Datasheet
4Mb / 20P
DURIS L 38
logo
Adels-Contact
1707G3 ADELS-1707G3 Datasheet
119Kb / 2P
503 Si/ 3 E DS GW
1716G3 ADELS-1716G3 Datasheet
117Kb / 2P
1003 SI/ 3 E GW
1717G3 ADELS-1717G3 Datasheet
117Kb / 2P
1003 Si/ 3 E DS GW
logo
ams AG
GTJTLPS1.13 AMSCO-GTJTLPS1.13 Datasheet
1Mb / 21P
The DURIS® E 2835 color family provide excellent supreme efficacy in cost effective industry standard LED.
Version 1.3 2020-09-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com