| Electronic Components Datasheet Search |
|
5802-DS01-R Datasheet(PDF) 21 Page - Broadcom Corporation. |
|
|
|||||||||||||||||||||||||||||
5802-DS01-R Datasheet(HTML) 21 Page - Broadcom Corporation. |
|
21 / 50 page ![]() Production Specification ■ BCM5802 07/03/02 B roa dcom Co rpo rat ion Document 5802-DS03-405-R Overview of Software Interface Page 13 The following figure shows an overview of the various structures and linkages used to forward packet/key setup data to the chip. Fields indicated by an @ sign correspond to pointers. The # PKT field in the master command structure allows up to 216-1 packets to be queued up for processing (the high order 16 bits of this field are not used). The output fields within each entry in a master command buffer specify the start of a buffer chain into which output (encrypted or decrypted) data is written. The master command structure is a single point of communication between the host CPU and the chip. Chip processing of any number of packets is initiated by writing the address of a master command structure to the on-chip master command address register (Master Command Register 1). The chip signals completion of processing by writing status information to the flags entry at the beginning of the master command structure and by posting an interrupt per master command structure (if enabled). Figure 5: Structures and Linkages Used to Forward Packet/Key Setup Data to Chip Note The NEXT@ field of the last output data buffer pointer is never used to access data for IPsec crypto/ authentication operations. This field instead contains the address of a buffer to which HMAC information is written to or read from, if HMAC processing is specified for a given packet. For HMAC-MD5, the entire 16 bytes of hash result is written to the buffer. For HMAC-SHA1, the entire 20 bytes of hash result is written to the buffer. For the IPsec HMAC-96, the software must discard the last four bytes of the data for HMAC- MD5 and the last eight bytes of the data for HMAC-SHA1. FLAGS, # PKT CMD @ INPUT PKT @ INPUT PKT NEXT @ PKT LEN CONTEXT BUFFER FOR PACKET #1 PACKET #1, DATA BUF #1 PACKET #1, DATA BUF #2 PACKET #1, OUTPUT DATA BUF #1 PACKET #1, OUTPUT DATA BUF #2 CONTEXT BUFFER FOR PACKET #2 OUTPUT PKT @ OUTPUT PKT NXT@ OUTPUT DATA LEN DATA @ NEXT @ DATA @ NEXT @ MASTER CMD DATA LEN DATA LEN INPUT DATA LEN INPUT PKT @ CMD @ INPUT PKT NEXT@ PACKET #2, DATA BUF #1 PACKET #1, HMAC DATA |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |