Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCG2 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CCG2
Description  USB Type-C Port Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG2 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CCG2 Datasheet HTML 1Page - Cypress Semiconductor CCG2 Datasheet HTML 2Page - Cypress Semiconductor CCG2 Datasheet HTML 3Page - Cypress Semiconductor CCG2 Datasheet HTML 4Page - Cypress Semiconductor CCG2 Datasheet HTML 5Page - Cypress Semiconductor CCG2 Datasheet HTML 6Page - Cypress Semiconductor CCG2 Datasheet HTML 7Page - Cypress Semiconductor CCG2 Datasheet HTML 8Page - Cypress Semiconductor CCG2 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
EZ-PD™ CCG2 Datasheet
Document Number: 001-93912 Rev. *L
Page 2 of 33
Available Firmware and Software Tools
EZ-PD Configuration Utility
The EZ-PD Configuration Utility is a GUI-based Microsoft Windows application developed by Cypress to guide a CCGx user through
the process of configuring and programming the chip. The utility allows users to:
1. Select and configure the parameters they want to modify
2. Program the resulting configuration onto the target CCGx device.
The utility works with the Cypress supplied CCG1, CCG2, CCG3, and CCG4 kits, which host the CCGx controllers along with a USB
interface. This version of the EZ-PD Configuration Utility supports configuration and firmware update operations on CCGx controllers
implementing EMCA and Display Dongle applications. Support for other applications, such as Power Adapters and Notebook port
controllers, will be provided in later versions of the utility.
You can download the EZ-PD Configuration Utility and its associated documentation at the following link:
http://www.cypress.com/documentation/software-and-drivers/ez-pd-configuration-utility



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com