| Electronic Components Datasheet Search |
|
4418/2HHP Datasheet(PDF) 2 Page - ebm-papst |
|
|
|||||||||||||||||||||||||||||
4418/2HHP Datasheet(HTML) 2 Page - ebm-papst |
|
2 / 3 page ![]() 170 Speed signal /12 – Speed-proportional, square-wave signal for external monitoring of the fan motor speed – 2, 3, or 6 pulses per revolution – TTL-compatible – Integrated pull-up resistor – Connection via separate cable – The sensor signal also serves as a major comparison variable for setting and maintaining the setpoint speed for interactive or controlled cooling with one or more interconnected fans. Electrical hookup All voltages measured to ground. Type VDC mA VDC mA mA Page Signal data 614 N/12 GM £ 0.4 1 2.5–5.5 1 1 39 618 N/12 N £ 0.4 1 2.5–5.5 1 1 39 8412 N/12 H £ 0.4 1 2.5–5.5 1 1 44 4412 F/12 GM £ 0.4 1 2.5–5.5 1 1 53 4418 F/12 £ 0.4 1 2.5–5.5 1 1 53 4312 /12 M £ 0.4 1 2.5–5.5 1 1 56 4314 /12 £ 0.4 1 2.5–5.5 1 1 56 4182 N/12 X £ 0.4 1 2.5–5.5 1 1 60 Subject to change Note: With these fan options, deviations in regard to temperature range, voltage range and power consumption are possible compared with standard fan data. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |