Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMMT718 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # FMMT718
Description  PNP Silicon Planar High Performance Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

FMMT718 Datasheet(HTML) 2 Page - Micro Commercial Components

  FMMT718 Datasheet HTML 1Page - Micro Commercial Components FMMT718 Datasheet HTML 2Page - Micro Commercial Components FMMT718 Datasheet HTML 3Page - Micro Commercial Components FMMT718 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Revision: A
2016/02/10
www.mccsemi.com
2 of
4
Typical Characteristics
Micro Commercial Components
M C C
R
-1
-10
-100
-1000
200
400
600
800
1000
-1
-10
-100
-1000
-200
-400
-600
-800
-1000
-1
-10
-100
-1000
-0
-50
-100
-150
-200
-250
-0
-1
-2
-3
-4
-5
-6
-7
-0
-100
-200
-300
-400
-500
-1500
-1500
-1500
V
CE= -2V
T
a=100
oC
T
a=25
oC
COLLECTOR CURRENT I
C
(mA)
I
C
h
FE
——
COLLECTOR CURRENT I
C
(mA)
T
a=25
℃
T
a=100
℃
β=30
V
BEsat
—— I
C
T
a=25
℃
T
a=100
℃
β=30
V
CEsat
——
I
C
COMMON
EMITTER
T
a=25
℃
-0.5mA
-0.45mA
-0.4mA
-0.35mA
-0.3mA
-0.25mA
-0.2mA
-0.15mA
-0.1mA
I
B=-0.05mA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
-0
-200
-400
-600
-800
-1000
-300
-600
-900
-1200
-1500
-0.1
-1
-10
1
10
100
1000
V
CE=-2V
T
a=25
℃
T
a=100
oC
BASE-EMITTER VOLTAGE
V
BE(mV)
I
C
——
V
BE
-20
f=1MHz
I
E=0 / IC=0
T
a=25
oC
REVERSE VOLTAGE V (V)
COLLECTOR CURRENT I
C
(mA)
C
ob
/ C
ib
——
V
CB
/ V
EB
C
ib
C
ob



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com