Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZFAT-R512 Datasheet(PDF) 1 Page - Mini-Circuits

Part # ZFAT-R512
Description  Digital Step Attenuator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZFAT-R512 Datasheet(HTML) 1 Page - Mini-Circuits

  ZFAT-R512 Datasheet HTML 1Page - Mini-Circuits ZFAT-R512 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
50
TTL Control, Pin Diode 10 to 1000 MHz
Digital Step Attenuator
Precision
ZFAT-R512
CASE STYLE: SSS173
Maximum Ratings
Features
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 125°C
Input Power
15 dBm
DC Voltage
5.5 V
TTL
5.5V
Digital Step Attenuator Electrical Specifications
REV. A
M150685
ZFAT-R512
DJ/VV/CP
150402
• wideband, 10 to 1000 MHz
• excellent step accuracy, 0.2 dB typ.
• small, shielded metal case
MODEL
NO.
FREQUENCY
(MHz)
PRIMARY ATTENUATION STEPS
(dB)
@TTL CONTROL PORT
ATTENUATION
(dB)
VSWR
(:1)
f
L
f
U
#1
#2
#3
(1,1,1)**
Nom.
(0,0,0)
Max.
L
M
U
ZFAT-R512
10
1000
0.5±0.18
1±0.25
2±0.25
3.5
4.0
1.6
1.4
1.5
Applications
• base stations
• cellular
• test sets
** Total attenuation above thru-loss.
1. Step accuracy is specified for basic steps. For combination of steps accuracy is additive.
2. Thru-loss is minimum insertion loss with all attenuation elements bypassed (All TTL controls state are Low)
Additional Specifications
DC Voltage
+5V
DC Current
12mA max.
Switching Time (50% TTL to within specified
accuracy of the next-selected attenuation step,
and to within 0.1 dB of steady-state Thru-Loss)
10µs typ., 15µs max.,
TTL Input High Threshold
2V min
TTL Input Low Threshold
0.8V max.
TTL Toggle Rate
50 kHz typ.
1dB Compression
0 dBm (10-100 MHz)
+10 dBm (100-1000MHz)
L=10 to 100 MHz
M=100 to 500 MHz
U=500 to 1000 MHz
Connectors
Model
Price
Qty.
SMA
ZFAT-R512
$89.95
(1-9)
BRACKET (OPTION “B”)
$5.00
(1+)
Outline Dimensions (
)
inch
mm
Outline Drawing
A
B
C
D
E
F
G
H
1.25
1.25
0.75
.63
.38 1.000
.125 1.000
31.75 31.75 19.05 16.00
9.65 25.40
3.18 25.40
J
K
L
MN
P
Q
wt
--
--
.125 1.688
2.18
.75
.07 grams
--
--
3.18 42.88 55.37 19.05
1.78
75
Permanent damage may occur if any of these limits are exceeded.


Similar Part No. - ZFAT-R512

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZFAT-124 MINI-ZFAT-124 Datasheet
193Kb / 2P
Digital Step Attenuator
ZFAT-3610 MINI-ZFAT-3610 Datasheet
193Kb / 2P
Digital Step Attenuator
ZFAT-4816 MINI-ZFAT-4816 Datasheet
132Kb / 2P
Digital Step Attenuator
ZFAT-51020 MINI-ZFAT-51020 Datasheet
192Kb / 2P
Digital Step Attenuator
More results

Similar Description - ZFAT-R512

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
DAT-15575-PN MINI-DAT-15575-PN Datasheet
433Kb / 12P
Digital Step Attenuator
ZX76-31-PN MINI-ZX76-31-PN Datasheet
666Kb / 10P
Digital Step Attenuator
ZX76-31R5A-SN MINI-ZX76-31R5A-SN Datasheet
431Kb / 7P
Digital Step Attenuator
ZFAT-124 MINI-ZFAT-124 Datasheet
193Kb / 2P
Digital Step Attenuator
ZX76-15R5-PN MINI-ZX76-15R5-PN Datasheet
767Kb / 10P
Digital Step Attenuator
DAT-15R5A-SN MINI-DAT-15R5A-SN Datasheet
561Kb / 8P
Digital Step Attenuator
DAT-31R5A-PN MINI-DAT-31R5A-PN Datasheet
597Kb / 8P
Digital Step Attenuator
DAT-31R5A-SP MINI-DAT-31R5A-SP Datasheet
576Kb / 8P
Digital Step Attenuator
DAT-3175A-PN MINI-DAT-3175A-PN Datasheet
589Kb / 8P
Digital Step Attenuator
DAT-31575A-PP MINI-DAT-31575A-PP Datasheet
543Kb / 8P
Digital Step Attenuator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com