Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS310HT Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SS310HT
Description  Schottky Rectifiers 20 - 100 Volts 3 Amp
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SS310HT Datasheet(HTML) 2 Page - Micro Commercial Components

  SS310HT Datasheet HTML 1Page - Micro Commercial Components SS310HT Datasheet HTML 2Page - Micro Commercial Components SS310HT Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SS32HT
thru SS310HT
Revision: B
2014/08/20
www.mccsemi.com
2 of 3
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0
20
10
30
50
40
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
T =25 C
J
8.3ms Single Half
Sine Wave
JEDEC method
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
0.5
1.0
1.5
2.0
2.5
3.0
LEAD TEMPERATURE,(°C)
0
0
20
40
60
80
100
120
140
160
180
200
FIG.4-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
700
600
500
400
300
200
100
0
.01
.05
.1
.5
1
5
10
50
100
FIG.5 - TYPICAL REVERSE
CHARACTERISTICS
0.001
0.01
0.1
1.0
100
10
0
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
20
40
60
80
100
20V~40V
50V~100V
TJ=25°C
TJ=100°C
0.1
1.0
.01
10
50
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
.1
.3
.5
.7
.9
1.1
1.3
1.5
3.0
T =25 C
J
FIG.2-TYPICAL FORWARD
CHARACTERISTICS
20V ~ 40V
50V ~ 60V
80V ~ 100V
MCC
TM
Micro Commercial Components



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com