Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS33HT Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SS33HT
Description  Schottky Rectifiers 20 - 100 Volts 3 Amp
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SS33HT Datasheet(HTML) 1 Page - Micro Commercial Components

  SS33HT Datasheet HTML 1Page - Micro Commercial Components SS33HT Datasheet HTML 2Page - Micro Commercial Components SS33HT Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SS32HT
THRU
SS310HT
Schottky Rectifiers
20
- 100 Volts
Features
•
High current capability, low forward voltage drop.
•
Lead Free Finish/RoHS Compliant (Note1)
SS32HT
2
0V
14
V
2
0V
SS33HT
33
3
0V
21
V
3
0V
SS34HT
4
0V
28
V
4
0V
SS35HT
5
0V
35
V
5
0V
SS36HT
6
0V
42V
60V
SS38HT
80V
56V
80V
SS310HT
100V
70V
100V
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
Revision:
B
20
14/08/20
TM
Micro Commercial Components
32
310
34
35
36
38
www.mccsemi.com
1 of 3
Micro Commercial Components
Compliant. See ordering information)
("P"Suffix designates
•
Guardring for overvoltage protection.
•
Silicon epitaxial planar chip, metal silicon junction.
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
3
Amp
•
Operating Temperature:SS32HT~SS34HT: -55
°C to +125°C
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
•
Storage Temperature: -65
°C to +175°C
•
Typical Thermal Resistance: 35
°C/W Junction to Case
SS35HT~SS310HT:
-55
°C to +150°C
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
3
.0A
See Fig.1
Peak Forward Surge
Current
IFSM
5
0A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
IFM = 3.0A;
TJ = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
0.2m
A
10m
A
TJ = 25
°C
TJ = 100
°C
Typical Junction
Capacitance
CJ
160pF
Measured at
1.0MHz, VR=4.0V
Note:
1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.
VF
0.55V
0.70V
0.85V
32~34
35~36
38~310
•
Halogen free available upon request by adding suffix "-HF"
SOD-123HT
A
C
B
D
E
N
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.130
.146
3.30
3.70
B
.055
.071
1.40
1
.80
C
.012
0.30
D
.024
.039
0.60
1.00
G
F
H
G
.028
.032
0.60
0.80
M
L
J
E
.031
0.80
F
.043
.051
1.10
1.30
K
.030
.034
0.75
0.85
J
.024
0.60
DIMENSIONS
N
.075
.083
2.10
1.90
L
.039
.047
1.00
1.20
H
.039
.047
1.00
1.20
M
.004
0.10
K


Similar Part No. - SS33HT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SS33HE MCC-SS33HE Datasheet
548Kb / 3P
High current capability
More results

Similar Description - SS33HT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK32 MCC-SK32 Datasheet
899Kb / 3P
3 Amp Schottky Rectifier 20 to 100 Volts
SK32 MCC-SK32_11 Datasheet
302Kb / 4P
3 Amp Schottky Rectifier 20 to 100 Volts
SK32A MCC-SK32A Datasheet
237Kb / 4P
3 Amp Schottky Rectifier 20 to 100 Volts
SK32B MCC-SK32B_11 Datasheet
275Kb / 4P
3 Amp Schottky Rectifier 20 to 100 Volts
SK32B-L MCC-SK32B-L Datasheet
245Kb / 4P
3 Amp Schottky Rectifier 20 to 100 Volts
logo
Tiger Electronic Co.,Lt...
SK32 TGS-SK32 Datasheet
595Kb / 4P
3 Amp Schottky Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
SK38A-LTP MCC-SK38A-LTP Datasheet
179Kb / 4P
3 Amp Schottky Rectifier 20 to 100 Volts
SK32AFL MCC-SK32AFL_17 Datasheet
297Kb / 4P
3 Amp Schottky Rectifier 20 to 100 Volts
SK32B MCC-SK32B_13 Datasheet
209Kb / 4P
3 Amp Schottky Rectifier 20 to 100 Volts
logo
Shanghai Leiditech Elec...
SK32 LEIDITECH-SK32 Datasheet
681Kb / 4P
3 Amp Schottky Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com