Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE6901B Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE6901B
Description  P-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE6901B Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE6901B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE6901B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE6901B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE6901B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE6901B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE6901B Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ACE6901B
P-Channel Enhancement Mode Power MOSFET
VER 1.1
2
Ordering information
ACE6901B XX + H
Electrical Characteristics
TA=25℃, unless otherwise specified.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Static
Drain-Source Breakdown
Voltage
V(BR)DSS
VGS = 0V, ID = -
250μA
-60
V
Zero Gate Voltage Drain Current
IDSS1
VDS = -60V, VGS = 0V
1
μA
Gate Threshold Voltage
VGS(TH)
VGS = VDS , IDS= -
250μA
-1.2
-1.6
-2.5
V
Gate Leakage Current
IGSS
VGS= ±20V , VDS=0V
±100
nA
Drain-Source On-state
Resistance
RDS(on)
VGS = -10V , ID= -20A
7.2
9
mΩ
VGS = -4.5V , ID= -10A
9.1
12
Forward Trans Conductance
gFS
VDS= -10V , ID= -3A
30
S
Diode Forward Voltage
VSD
ISD= -10A , VGS= 0V
1.0
V
Diode Forward Current
IS
-72
A
Switching
Total Gate Charge
Qg
VDS= -48V, ID= -5A,
VGS= -4.5V
141
nC
Gate-Source Charge
Qgs
17
nC
Gate-Drain Charge
Qgd
28.6
nC
Turn-on Delay Time
td( on )
VDD= -48V,ID= -10A,
VGS= -10V,RGEN= 5
Ω
70
ns
Turn-on Rise Time
tr
205
ns
Turn-off Delay Time
td( off )
402
ns
Turn-off Fall Time
tf
197
ns
Dynamic
Input Capacitance
Ciss
VDS=-25V,VGS= 0V,
f= 1.0MHz
8620
pF
Output Capacitance
Coss
486
pF
Reverse Transfer Capacitance
Crss
288
pF
PN: DFN5*6-EP
Pb - free
Halogen - free



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com