Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZB8PD-252 Datasheet(PDF) 1 Page - Mini-Circuits

Part # ZB8PD-252
Description  Power Splitter/Combiner
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZB8PD-252 Datasheet(HTML) 1 Page - Mini-Circuits

  ZB8PD-252 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Freq.
(MHz)
Total Loss1
(dB)
Amp.
Unb.
(dB)
Isolation
(dB)
VSWR
S
VSWR
1
VSWR
8
S-1
S-2
S-3
S-4
S-6
S-8
1-2
1-3
3-4
6-7
Electrical Specifications at 25°C
Maximum Ratings
Coaxial Connections
SUM PORT
S
PORT 1,2,3,4,5,6,7,8
1,2,3,4,5,6,7,8
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Power Input (as a splitter)
10W max.
Internal Dissipation
0.875W max.
DC Current
1.2A(150mA for each port)
Outline Drawing
Outline Dimensions (
)
inch
mm
ZB8PD-252+
8 Way-0°
50Ω
1550 to 2500 MHz
Power Splitter/Combiner
REV. C
M151107
ZB8PD-252+
J/CP/AM
151016
DC Pass
A
B
C
D
E
F
G
H
7.06
3.13
.88
.250 1.750 5.310 6.810
.250
179.32 79.50 22.35
6.35 44.45 134.87 172.97
6.35
J
K
L
M
N
P
wt
2.875
.144
3.53
.44
.415
.89
grams
73.03
3.66 89.66 11.18 10.54 22.61
800
CASE STYLE: Z41
Connectors Model
SMA
ZB8PD-252-S+
Features
• low insertion loss, 0.8 dB typ.
• good isolation, 25 dB typ.
• up to 10W power input
• rugged, shielded case
Applications
• cellular
• PCS/DCS
• communication systems
• GPS
1550.00
9.85
9.83
9.90
9.94
9.94
9.97
0.14
22.53
21.59
22.15
21.46
1.89
1.18
1.20
1600.00
9.69
9.67
9.76
9.78
9.79
9.81
0.14
24.45
22.66
23.91
22.50
1.66
1.15
1.17
1700.00
9.50
9.49
9.58
9.60
9.60
9.60
0.11
28.84
25.58
28.07
25.28
1.33
1.12
1.13
1800.00
9.44
9.42
9.54
9.55
9.54
9.53
0.13
29.37
29.96
28.94
29.16
1.17
1.11
1.12
1900.00
9.44
9.43
9.57
9.56
9.54
9.54
0.13
28.65
36.75
28.29
34.00
1.18
1.14
1.13
1950.00
9.45
9.45
9.60
9.58
9.55
9.55
0.15
29.15
41.55
28.50
36.25
1.20
1.15
1.14
2000.00
9.46
9.45
9.60
9.59
9.56
9.55
0.15
30.05
45.30
29.13
37.86
1.21
1.16
1.15
2050.00
9.46
9.46
9.61
9.60
9.57
9.56
0.16
31.28
44.07
29.74
38.29
1.21
1.17
1.16
2100.00
9.48
9.48
9.62
9.62
9.58
9.57
0.14
32.32
42.59
30.09
38.88
1.21
1.18
1.17
2200.00
9.49
9.50
9.65
9.64
9.61
9.57
0.16
30.84
39.96
28.71
40.84
1.19
1.18
1.18
2300.00
9.51
9.55
9.69
9.65
9.67
9.63
0.17
28.37
35.64
26.54
38.65
1.22
1.19
1.18
2350.00
9.54
9.59
9.73
9.69
9.71
9.66
0.19
27.35
32.96
25.64
35.12
1.28
1.19
1.18
2400.00
9.60
9.64
9.81
9.76
9.79
9.73
0.21
26.28
30.34
24.78
31.99
1.38
1.20
1.19
2450.00
9.69
9.74
9.93
9.88
9.90
9.81
0.24
25.19
28.33
23.96
29.54
1.51
1.21
1.20
2500.00
9.79
9.85
10.05
10.01 10.02
9.93
0.26
23.91
26.43
22.93
27.49
1.67
1.22
1.21
Permanent damage may occur if any of these limits are exceeded.
1. Total Loss = Insertion Loss + 9dB splitter theoretical loss.
Typical Performance Data
ZB8PD-252+
ISOLATION
10
22
34
46
58
70
1550
1750
1950
2150
2350
2550
FREQUENCY (MHz)
1-2
1-3
6-7
ZB8PD-252+
VSWR
1.0
1.2
1.4
1.6
1.8
2.0
1550
1750
1950
2150
2350
2550
FREQUENCY (MHz)
#S-VSWR
#1-VSWR
Electrical Schematic
ZB8PD-252+
TOTAL LOSS
9.0
9.4
9.8
10.2
10.6
11.0
1550
1750
1950
2150
2350
2550
FREQUENCY (MHz)
S-1
S-3
S-8
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
HT-Series
Tight Spot
SMA Wrench
(DC THROUGH)
PORT S
RF+DC
PORT 1 RF+DC
PORT 2 RF+DC
PORT N RF+DC
Parameter
Frequency (MHz)
Min.
Typ.
Max.
Unit
Frequency Range
1550
—
2500
MHz
Insertion Loss Above 9.0 dB
1550 - 2500
—
0.8
1.5
dB
Isolation
1550 - 2500
19
25
—
dB
Phase Unbalance
1550 - 2500
—
3.2
6.0
Degree
Amplitude Unbalance
1550 - 2500
—
0.3
0.6
dB
VSWR (Port S)
1550 - 2500
—
1.7
2.2
:1
VSWR (Port 1-8)
1550 - 2500
—
1.2
1.4
:1


Similar Part No. - ZB8PD-252

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZB8PD-2 MINI-ZB8PD-2 Datasheet
85Kb / 2P
POWER SPLITTERS/COMBINERS
ZB8PD-2000 MINI-ZB8PD-2000 Datasheet
85Kb / 2P
POWER SPLITTERS/COMBINERS
ZB8PD-2000L MINI-ZB8PD-2000L Datasheet
85Kb / 2P
POWER SPLITTERS/COMBINERS
ZB8PD-2000M MINI-ZB8PD-2000M Datasheet
85Kb / 2P
POWER SPLITTERS/COMBINERS
ZB8PD-2000U MINI-ZB8PD-2000U Datasheet
85Kb / 2P
POWER SPLITTERS/COMBINERS
More results

Similar Description - ZB8PD-252

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SCN-3-13 MINI-SCN-3-13 Datasheet
143Kb / 1P
Power Splitter/Combiner
SYPS-3-12W MINI-SYPS-3-12W Datasheet
177Kb / 1P
Power Splitter/Combiner
ZSC-3-1 MINI-ZSC-3-1 Datasheet
153Kb / 1P
Power Splitter/Combiner
ZFSC-2-1 MINI-ZFSC-2-1 Datasheet
166Kb / 1P
Power Splitter/Combiner
ZAPD-4 MINI-ZAPD-4 Datasheet
144Kb / 1P
Power Splitter/Combiner
ZAPD-2DC+ MINI-ZAPD-2DC+ Datasheet
225Kb / 1P
Power Splitter/Combiner
ZC2PD-5R263 MINI-ZC2PD-5R263 Datasheet
258Kb / 2P
Power Splitter/Combiner
ZC4PD-06263-S MINI-ZC4PD-06263-S Datasheet
304Kb / 2P
Power Splitter/Combiner
ZC16PD-2185 MINI-ZC16PD-2185 Datasheet
258Kb / 1P
Power Splitter/Combiner
ZSC-2-1 MINI-ZSC-2-1 Datasheet
158Kb / 1P
Power Splitter/Combiner
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com