Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2264AMFKB Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV2264AMFKB
Description  Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2264AMFKB Datasheet(HTML) 2 Page - Texas Instruments

  TLV2264AMFKB Datasheet HTML 1Page - Texas Instruments TLV2264AMFKB Datasheet HTML 2Page - Texas Instruments TLV2264AMFKB Datasheet HTML 3Page - Texas Instruments TLV2264AMFKB Datasheet HTML 4Page - Texas Instruments TLV2264AMFKB Datasheet HTML 5Page - Texas Instruments TLV2264AMFKB Datasheet HTML 6Page - Texas Instruments TLV2264AMFKB Datasheet HTML 7Page - Texas Instruments TLV2264AMFKB Datasheet HTML 8Page - Texas Instruments TLV2264AMFKB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
TLV226x, TLV226xA
Advanced LinCMOS RAILTORAIL
OPERATIONAL AMPLIFIERS
SLOS186B − FEBRUARY 1997 − REVISED MARCH 2001
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLV2262 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL
OUTLINE
(D)
CHIP
CARRIER
(FK)
CERAMIC
DIP
(JG)
PLASTIC
DIP
(P)
TSSOP
(PW)
CERAMIC
FLATPACK
(U)
0
°C to 70°C
2.5 mV
TLV2262CD
—
—
TLV2262CP
TLV2262CPWLE
—
−40
°C to 125°C
950
µV
TLV2262AID
—
—
TLV2262AIP
TLV2262AIPWLE
—
−40
°C to 125°C
950
µV
2.5 mV
TLV2262AID
TLV2262ID
—
—
—
—
TLV2262AIP
TLV2262IP
TLV2262AIPWLE
—
—
—
−40
°C to 125°C
950
µV
TLV2262AQD
—
—
—
—
—
−40
°C to 125°C
950
µV
2.5 mV
TLV2262AQD
TLV2262QD
—
—
—
—
—
—
—
—
—
—
−55
°C to 125°C
950
µV
2.5 mV
—
—
TLV2262AMFK
TLV2262MFK
TLV2262AMJG
TLV2262MJG
—
—
—
—
TLV2262AMU
TLV2262MU
† The D packages are available taped and reeled. Add R suffix to device type (e.g., TLV2262CDR).
‡ The PW package is available only left-end taped and reeled.
§ Chips are tested at 25°C.
TLV2264 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL
OUTLINE
(D)
CHIP
CARRIER
(FK)
CERAMIC
DIP
(J)
PLASTIC
DIP
(N)
TSSOP
(PW)
CERAMIC
FLATPACK
(W)
−40
°C to
950
µV
TLV2264AID
—
—
TLV2264AIN
TLV2264AIPWLE
—
−40 C to
125
°C
950
µV
2.5 mV
TLV2264AID
TLV2264ID
—
—
—
—
TLV2264AIN
TLV2264IN
TLV2264AIPWLE
—
—
—
−40
°C to
950
µV
TLV2264AQD
—
—
—
—
—
−40 C to
125
°C
950
µV
2.5 mV
TLV2264AQD
TLV2264QD
—
—
—
—
—
—
—
—
—
—
−55
°C to
125
°C
950
µV
2.5 mV
—
—
TLV2264AMFK
TLV2264MFK
TLV2264AMJ
TLV2264MJ
—
—
—
—
TLV2264AMW
TLV2264MW
† The D packages are available taped and reeled. Add R suffix to device type (e.g., TLV2262IDR).
‡ The PW package is available only left-end taped and reeled.
§ Chips are tested at 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com