Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

422JM Datasheet(PDF) 2 Page - ebm-papst

Part # 422JM
Description  DC axial fan
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

422JM Datasheet(HTML) 2 Page - ebm-papst

  422JM Datasheet HTML 1Page - ebm-papst 422JM Datasheet HTML 2Page - ebm-papst 422JM Datasheet HTML 3Page - ebm-papst 422JM Datasheet HTML 4Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DC axial fan
422JM
Technical description
General description
Very pressure-insensitive characteristic curve for high air flow at high back pressure.
Low operating noise at high back pressure.
Standard version with PWM control input and speed signal.
Other inputs and outputs on request.
Weight
0.045 kg
Dimensions
40 x 40 x 28 mm
Impeller material
Glass-fiber reinforced PA plastic
Housing material
Glass-fiber reinforced PBT plastic
Part no.
422JM
Airflow direction
Exhaust over struts
Direction of rotation
Counterclockwise, viewed toward rotor
Storage
Ball bearing
Service life L10 at 20 °C
75.000 h
Service life L10 at 60 °C
37.500 h
Cable
With leads AWG 28, UL 1061
Approval
VDE, CSA, UL
Option
Possible custom designs:
Speed signal
Go / No-go alarm
External temperature sensor
PWM control input
Moisture protection
Salt spray protection
ENU (Web) · Approved 2016-06-22 · Page 2 / 4
ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Str. 1 · D-78112 St. Georgen · Phone +49 (0) 7724 81-0 · Fax +49 (0) 7724 81-1309 · info2@de.ebmpapst.com ·
www.ebmpapst.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com