Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMXZ5259B Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MMXZ5259B
Description  200 mW Zener Diodes 2.7 to 39 Volts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMXZ5259B Datasheet(HTML) 1 Page - Micro Commercial Components

  MMXZ5259B Datasheet HTML 1Page - Micro Commercial Components MMXZ5259B Datasheet HTML 2Page - Micro Commercial Components MMXZ5259B Datasheet HTML 3Page - Micro Commercial Components MMXZ5259B Datasheet HTML 4Page - Micro Commercial Components MMXZ5259B Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
Planar Die construction
Mechanical Data
Approx. Weight: 0.008 gram
Mounting Position: Any
Storage & Operating Junction Temperature:
-55
oC to +150oC
Maximum Ratings @ 25
oC Unless Otherwise Specified
Forward Current
IF
10
mA
Maximum Forward
Voltage
(Notes 1)
VF
0.9
V
Power Dissipation
(No te s
2)
PD
200
mWatt
Thermal Resistance,
Rthja
625
o
C/W
NOTES:
MMXZ5223B
THRU
MMXZ5259B
200 mW
Zener Diodes
2.7 to 39 Volts
MCC
www.mccsemi.com
1. Tested with pulses, Tp<1.0ms
2. Device mounted on ceramic PCBS; 7.6 mm x 9.4 mm x 0.87 mm
Junction to Ambient Air
with pad areas 25 mm
2.
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
TM
Micro Commercial Components
1 of 5
Lead Free Finish/RoHS Compliant ("P" Suffix
designates RoHS Compliant. See ordering information)
Revision:
C
20
13/01/01
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.090
.107
2.30
2.70
B
.063
.071
1.60
1.80
C
.045
.053
1.15
1.35
D
.031
.045
0.80
1.15
E
.010
.016
0.25
0.40
G
.004
.018
0.10
0.45
H
.004
.010
0.10
0.25
J
-----
.006
-----
0.15
A
B
E
C
J
D
H
G
SOD
-323
0.022”
0.074"
0.027”
SUGGESTED SOLDER
PAD LAYOUT
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
Halogen free available upon request by adding suffix "-HF"
Ideally Suited for Automated Assembly Processes
Zener Voltages from 2.7V-39V and 200mW Power Dissipation


Similar Part No. - MMXZ5259B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMXZ5259B MCC-MMXZ5259B Datasheet
410Kb / 4P
200 mW Zener Diodes 2.4 to 39 Volts
More results

Similar Description - MMXZ5259B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BZT52C2V4 MCC-BZT52C2V4 Datasheet
407Kb / 4P
410 mW Zener Diodes 2.4 to 39 Volts
BZT52C2V4S MCC-BZT52C2V4S Datasheet
411Kb / 4P
200 mW Zener Diodes 2.4 to 39 Volts
MMXZ5221B MCC-MMXZ5221B Datasheet
410Kb / 4P
200 mW Zener Diodes 2.4 to 39 Volts
BZT52C2V4S MCC-BZT52C2V4S_08 Datasheet
282Kb / 4P
200 mW Zener Diode 2.4 to 39 Volts
BZT52C5V1S-TP MCC-BZT52C5V1S-TP Datasheet
282Kb / 4P
200 mW Zener Diode 2.4 to 39 Volts
AZ23C2V7W MCC-AZ23C2V7W_13 Datasheet
273Kb / 3P
200 mW Zener Diode 2.7 to 39 Volts
BZT52C2V4LS MCC-BZT52C2V4LS Datasheet
341Kb / 4P
200 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4T MCC-BZT52C2V4T Datasheet
225Kb / 3P
200 mW Zener Diode 2.4 to 39 Volts
BZT52C2V7L3P MCC-BZT52C2V7L3P Datasheet
530Kb / 4P
100 mW Zener Diode 2.7 to 39 Volts
MMBZ5221BW MCC-MMBZ5221BW Datasheet
244Kb / 3P
200 mW Zener Diode 2.4 to 39 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com