Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ5259C Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MMBZ5259C
Description  350 mW Zener Diode 4.3 to 51 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMBZ5259C Datasheet(HTML) 1 Page - Micro Commercial Components

  MMBZ5259C Datasheet HTML 1Page - Micro Commercial Components MMBZ5259C Datasheet HTML 2Page - Micro Commercial Components MMBZ5259C Datasheet HTML 3Page - Micro Commercial Components MMBZ5259C Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MMBZ522
9C
THRU
MMBZ52
62C
350 mW
Zener Diode
4.3 to 51 Volts
Features
•
Wide Voltage Range Available
•
Small Outline Package For Space Savings
•
High Temp Soldering: 260°C for 10 Seconds At Terminals
•
Surface Mount Package
•
Operating
Junction Temperature: -55°C to +150°C
•
Storage Temperature: -55°C to +150°C
Suggested Solder
Pad Layout
.
102
2.
60
inches
mm
.03
5
.
900
.0
55
1.40
.03
5
.
880
.03
5
.
880
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.1
19
2.80
3.0
0
B.0
86
.
103
2.
202.60
C
.047
.05
6
1.20
1.40
D.03
3
.041
.
85
1.0
5
E.0
66
.08
3
1.7
0
2.
10
F
---
.0
06
---
.
15
G.0
35
.0
44
.
90
1.10
H.0
02
.0
06
.
05
.15
J.0
13.020
.35
.
50
K.
007
---
.
20
---
A
B
C
D
E
F
G
SOT-23
www.mccsemi.com
Maximum Ratings
J
*Pin Configuration - Top View
Maximum Ratings @ 25
oC Unless Otherwise Specified
Zener Current
IF
100
mA
Maximum Forward
Voltage
VF
1.2
V
Power Dissipation
(No te s A)
Pd
Pe ak Forward S urge
IFSM
4.0
Amps
NOTES:
A. Mounted on FR4 PC board with our suggested solder pad layout .
B. Measured on 8.3ms, single half sine-wave or equivalent
Current (Not e s B)
square wave, duty cycle = 4 pulses per minute maximum.
H
K
Revision: C
2016/08/31
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
350
mWatt
1 of
4
•
Maximum Thermal Resistance; 357°C/W Junction To Ambient
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Halogen free available upon request by adding suffix "-HF"
Micro Commercial Components
M C C
R


Similar Part No. - MMBZ5259C

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
MMBZ5259C JIANGSU-MMBZ5259C Datasheet
1Mb / 5P
ZENER DIODE
logo
Vishay Siliconix
MMBZ5259C-V-GS08 VISHAY-MMBZ5259C-V-GS08 Datasheet
103Kb / 4P
Small Signal Zener Diodes
Rev. 1.5, 20-Feb-18
More results

Similar Description - MMBZ5259C

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPZ5221B CENTRAL-CMPZ5221B Datasheet
100Kb / 2P
350 mW ZENER DIODE 5% TOLERANCE
logo
Micro Commercial Compon...
AZ23C2V7 MCC-AZ23C2V7 Datasheet
139Kb / 4P
300 mW Zener Diode 2.7 to 51 Volts
1N5913B MCC-1N5913B_12 Datasheet
263Kb / 3P
1.5 Watt Zener Diode 3.3 to 51 Volts
1N5339B-TP MCC-1N5339B-TP Datasheet
333Kb / 6P
5 Watt Zener Diode 5.1 to 51 Volts
SMAJ5922B-TP MCC-SMAJ5922B-TP Datasheet
486Kb / 5P
1.5 Watt Zener Diode 3.3 to 51 Volts
BZT52B3V0BS MCC-BZT52B3V0BS Datasheet
389Kb / 3P
400 mW Zener Diode 3.0 to 51 Volts
BZT52C2V4 MCC-BZT52C2V4_13 Datasheet
463Kb / 4P
500 mW Zener Diode 2.4 to 51 Volts
DL5918B MCC-DL5918B Datasheet
219Kb / 3P
1.5 Watt Zener Diode 5.1 to 51 Volts
MMBZ5256B MCC-MMBZ5256B_13 Datasheet
242Kb / 5P
350 mW Zener Diode 2.4 to 39 Volts
MMXZ5229C MCC-MMXZ5229C Datasheet
376Kb / 4P
200 mW Zener Diode 4.3 to 51 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com