Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTP4SG Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LTP4SG
Description  PointLED
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTP4SG Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LTP4SG Datasheet HTML 5Page - OSRAM GmbH LTP4SG Datasheet HTML 6Page - OSRAM GmbH LTP4SG Datasheet HTML 7Page - OSRAM GmbH LTP4SG Datasheet HTML 8Page - OSRAM GmbH LTP4SG Datasheet HTML 9Page - OSRAM GmbH LTP4SG Datasheet HTML 10Page - OSRAM GmbH LTP4SG Datasheet HTML 11Page - OSRAM GmbH LTP4SG Datasheet HTML 12Page - OSRAM GmbH LTP4SG Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Version 1.2
LT P4SG
2014-03-10
9
Relative Forward Voltage 7) page21
Relative Vorwärtsspannung 7) Seite 21
ΔVF = VF - VF(25 °C) = f(Tj); IF = 20 mA
Relative Luminous Intensity 7) page 21
Relative Lichtstärke 7) Seite 21
IV/IV(25)°C = f(Tj); IF = 20 mA
-60
-0.3
-0.2
-0.1
0
-40 -20
0
20
0.1
0.2
0.3
0.4
˚C
60
40
T
j
100
OHL02912
V
F
V
Δ
true green
blue
-60
0
-40 -20
0
20
V (25 ˚C)
I
I
V
˚C
60
40
T
j
100
OHL02913
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
1.1
true green
blue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com