| Electronic Components Datasheet Search |
|
NF Marking, 2SCR552P Datasheet(PDF) 1 Page - Rohm |
|
||||||||||||||||||||||||||||||
2SCR552P Datasheet(HTML) 1 Page - Rohm |
|
1 / 5 page ![]() 1/4 www.rohm.com ○ c 2009 ROHM Co., Ltd. All rights reserved. 2009.12 - Rev.A Midium Power Transistors (30V / 3A) 2SCR552P Structure Dimensions (Unit : mm) NPN Silicon epitaxial planar transistor Features 1) Low saturation voltage, typically VCE (sat) = 0.4V (Max.) (IC / IB= 1A / 50mA) 2) High speed switching Applications Driver Inner circuit (Unit : mm) Package Taping Code T100 Basic ordering unit (pieces) 1000 2SCR552P Absolute maximum ratings (Ta = 25 C) Symbol Limits Unit Collector-base voltage VCBO 30 V Collector-emitter voltage VCEO 30 V Emitter-base voltage VEBO 6V DC IC 3A Pulsed ICP 6A PD 0.5 W PD 2W Junction temperature Tj 150 C Range of storage temperature Tstg -55 to 150 C *1 Pw=10ms, Single Pulse *2 Each terminal mounted on a recommended land. *3 Mounted on a ceramic board. (40x40x0.7mm³) Packaging specifications Type Parameter Collector current Power dissipation *1 *2 *3 Abbreviated symbol : NF (1) (2) (3) (1) Base (2) Collector (3) Emitter (1) (3) (2) |
Similar Description - 2SCR552P |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |