| Electronic Components Datasheet Search |
|
2902W Marking, LM2902WDT Datasheet(PDF) 1 Page - STMicroelectronics |
|
||||||||||||||||||||||||||||||
LM2902WDT Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 20 page ![]() Features • Wide gain bandwidth: 1.3 MHz • Input common-mode voltage range includes negative rail • Large voltage gain: 100 dB • Very low supply current per amplifier: 375 µA • Low input bias current: 20 nA • Low input offset current: 2 nA • ESD internal protection: 800 V • Wide power supply range • Single supply: 3 V to 30 V • Dual supplies: ±1.5 V to ±15 V Description This circuit consists of four independent, high-gain operational amplifiers which have frequency compensation implemented internally and are designed especially for automotive and industrial control systems. The device operates from a single power supply over a wide range of voltages. Operation from split power supplies is also possible and the low power supply current drain is independent of the magnitude of the power supply voltage. All the pins are protected against electrostatic discharges up to 800 V. TSSOP14 SO14 Maturity status link LM2902W Low-power quad operational amplifier LM2902W Datasheet DS3575 - Rev 11 - March 2025 For further information, contact your local STMicroelectronics sales office. www.st.com |
Similar Description - LM2902WDT |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |