Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Preview PDF HTML

2902Y Marking, LM2902YPT Datasheet(PDF) 13 Page - STMicroelectronics

Part # LM2902YPT
Description  Low-power quad operational amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2902YPT Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LM2902YPT Datasheet HTML 9Page - STMicroelectronics LM2902YPT Datasheet HTML 10Page - STMicroelectronics LM2902YPT Datasheet HTML 11Page - STMicroelectronics LM2902YPT Datasheet HTML 12Page - STMicroelectronics LM2902YPT Datasheet HTML 13Page - STMicroelectronics LM2902YPT Datasheet HTML 14Page - STMicroelectronics LM2902YPT Datasheet HTML 15Page - STMicroelectronics LM2902YPT Datasheet HTML 16Page - STMicroelectronics LM2902YPT Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
7.2
TSSOP14 package information
Figure 29. TSSOP14 package outline
aaa
Table 5. TSSOP14 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.20
0.047
A1
0.05
0.15
0.002
0.004
0.006
A2
0.80
1.00
1.05
0.031
0.039
0.041
b
0.19
0.30
0.007
0.012
c
0.09
0.20
0.004
0.0089
D
4.90
5.00
5.10
0.193
0.197
0.201
E
6.20
6.40
6.60
0.244
0.252
0.260
E1
4.30
4.40
4.50
0.169
0.173
0.176
e
0.65
0.0256
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1.00
0.039
k
0°
8°
0°
8°
aaa
0.10
0.004
LM2902
TSSOP14 package information
DS0506 - Rev 9
page 13/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List