Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Preview PDF HTML

S07 Marking, ASM07 Datasheet(PDF) 1 Page - Applied Power Microelectronics Co.,Ltd.

Part # ASM07
Description  2-Line Uni-directional TVS Diode Array
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APMICRO [Applied Power Microelectronics Co.,Ltd.]
Direct Link  http://www.appliedpowermicro.com/
Logo APMICRO - Applied Power Microelectronics Co.,Ltd.

ASM07 Datasheet(HTML) 1 Page - Applied Power Microelectronics Co.,Ltd.

  ASM07 Datasheet HTML 1Page - Applied Power Microelectronics Co.,Ltd. ASM07 Datasheet HTML 2Page - Applied Power Microelectronics Co.,Ltd. ASM07 Datasheet HTML 3Page - Applied Power Microelectronics Co.,Ltd. ASM07 Datasheet HTML 4Page - Applied Power Microelectronics Co.,Ltd. ASM07 Datasheet HTML 5Page - Applied Power Microelectronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Revision, 1
1 of 5
www.appliedpowermicro.com
ASM07
2-Line Uni-directional TVS Diode Array
Part Number
Packaging
Reel Size
ASM07
3000/Tape & Reel
7 inch
S07 = Device Marking Code
Dimensions and Pin Configuration
Mechanical Characteristics
•
Package: SOT-23
•
Lead Finish: Matte Tin
•
Case Material: “Green” Molding Compound.
•
Moisture Sensitivity: Level 3 per J-STD-020
•
Terminal Connections: See Diagram Below
•
Marking Information: See Below
Applications
•
Peripherals
•
Industrial Equipment
•
Notebook Computers
•
Portable Instrumentation
•
Microprocessor Based Equipment
•
Cell Phone Handsets and Accessories
•
Personal Digital Assistants (PDAs) and Pagers
Marking Information
Ordering Information
SXX
1
2
3
Description
The ASM07 is an uni-directional TVS diode array, utilizing
leading monolithic silicon technology to provide fast re-
sponse time and low ESD clamping voltage, making this
device an ideal solution for protecting sensitive semicon-
ductor components from damage. The ASM07 complies
with the IEC 61000-4-2 (ESD) with ±30kV air and ±30kV
contact discharge. It is assembled into a lead-free SOT-23
package. It is designed to protect components which are
connected to data and transmission lines from voltage
surges.
Features
•
300W peak pulse power (8/20μs)
•
Protects one two uni-directional line(s)
•
Ultra low leakage: nA level
•
Operating voltage: 5V
•
Low clamping voltage
•
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
– IEC61000-4-5 (Lightning) 20A (8/20μs)
•
RoHS Compliant
Circuit and Pin Schematic
-
S07


Similar Description - ASM07

ManufacturerPart #DatasheetDescription
logo
Applied Power Microelec...
ASM05 APMICRO-ASM05 Datasheet
520Kb / 5P
2-Line Uni-directional TVS Diode Array
logo
Diodes Incorporated
D20V0M2U3LP4 DIODES-D20V0M2U3LP4 Datasheet
337Kb / 5P
20V 2-CH UNI-DIRECTIONAL TVS DIODE ARRAY
December 2020 Rev. 1 - 2
logo
TECH PUBLIC Electronics...
ESDA14V2L TECHPUBLIC-ESDA14V2L Datasheet
1Mb / 4P
2-Line Uni-directional TVS Diode
NUP2105LT1G-TP TECHPUBLIC-NUP2105LT1G-TP Datasheet
1,008Kb / 4P
2-Line Uni-directional TVS Diode
PSOT12C TECHPUBLIC-PSOT12C Datasheet
1Mb / 4P
2-Line Uni-directional TVS Diode
SM12T1G TECHPUBLIC-SM12T1G Datasheet
997Kb / 4P
2-Line Uni-directional TVS Diode
TPPACDN042Y3R TECHPUBLIC-TPPACDN042Y3R Datasheet
986Kb / 4P
2-Line Uni-directional TVS Diode
TPMMBZ27VCLT1G TECHPUBLIC-TPMMBZ27VCLT1G Datasheet
958Kb / 4P
2-Line Uni-directional TVS Diode
TPNUP1105LT1G TECHPUBLIC-TPNUP1105LT1G Datasheet
1Mb / 4P
2-Line Uni-directional TVS Diode
TPE12U20AS3 TECHPUBLIC-TPE12U20AS3 Datasheet
1Mb / 4P
2-Line Uni-directional TVS Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List