Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

309U Datasheet (PDF) - International Rectifier

Part # 309U
Description  STANDARD RECOVERY DIODES
File Size   267.28 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

309U Datasheet (PDF) - International Rectifier



Similar Part No. - 309U

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
309U160 THINKISEMI-309U160 Datasheet
928Kb / 5P
THINKI 300A Silicon Rotary Rectifier Diode for Generator Exciter
Rev.14T
309U200 THINKISEMI-309U200 Datasheet
615Kb / 5P
THINKI 300A Silicon Rotary Rectifier Diode for Generator Exciter
Rev.14T
309U250 THINKISEMI-309U250 Datasheet
617Kb / 5P
THINKI 300A Silicon Rotary Rectifier Diode for Generator Exciter
Rev.14T
logo
International Rectifier
309UA160 IRF-309UA160 Datasheet
139Kb / 9P
STANDARD RECOVERY DIODES
logo
Vishay Siliconix
309UA160 VISHAY-309UA160 Datasheet
175Kb / 8P
Standard Recovery Diodes (Stud Version), 300 A
23-Jun-08
More results


Similar Description - 309U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16F IRF-16F Datasheet
71Kb / 6P
STANDARD RECOVERY DIODES
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
Standard Recovery Diodes, Standard Recovery Diodes,
07-Apr-14
logo
Nell Semiconductor Co.,...
NKE600 NELLSEMI-NKE600_17 Datasheet
685Kb / 5P
Standard Recovery Diodes
D1100B NELLSEMI-D1100B_17 Datasheet
832Kb / 7P
Standard Recovery Diodes
D3800E NELLSEMI-D3800E_17 Datasheet
667Kb / 5P
Standard Recovery Diodes
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
Standard Recovery Diodes, Standard Recovery Diodes,
11-Jan-18
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com