Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K1D Datasheet (PDF) - Jinan Jing Heng Electronics Co., Ltd.

Part # K1D
Description  SCHOTTKY BARRIER RECTIFIER
File Size   65.93 Kbytes
Html View  1   2 
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

K1D Datasheet (PDF) - Jinan Jing Heng Electronics Co., Ltd.



Similar Part No. - K1D

ManufacturerPart #DatasheetDescription
logo
Jinan Jing Heng Electro...
K1D JINGHENG-K1D Datasheet
66Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
SAMYANG ELECTRONICS CO....
K1D SAMYANG-K1D Datasheet
1Mb / 2P
SCHOTTKY BARRIE R RECTIFIERS
logo
Schneider Electric
K1D002U SCHNEIDER-K1D002U Datasheet
232Kb / 3P
body for changeover switch - 2-pole - 45° - 12 A - for Ø 22 mm
K1D004N SCHNEIDER-K1D004N Datasheet
174Kb / 8P
body for stepping switch - 1 pole - 45째 - 12 A - for 횠 22 mm
Feb 10, 2022
K1D009BL SCHNEIDER-K1D009BL Datasheet
233Kb / 3P
body for BCD encoded output switch - 1 pole - 30° - 12 A - screw mounting
More results


Similar Description - K1D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com