Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C50D Datasheet (PDF) - Won-Top Electronics

Part # C50D
Description  50A AUTOMOTIVE CELL DIODE
File Size   31.45 Kbytes
Html View  1   2 
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

C50D Datasheet (PDF) - Won-Top Electronics



Similar Part No. - C50D

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
C50D WTE-C50D Datasheet
23Kb / 2P
50A AUTOMOTIVER RECTIFIER CELL
C50D WTE-C50D Datasheet
42Kb / 2P
50A AUTOMOTIVE CELL DIODE
logo
Silicon Laboratories
C50DRT SILABS-C50DRT Datasheet
570Kb / 3P
INSULATOR MATERIAL: SEEPART NUMBER CODING
C50DRX SILABS-C50DRX Datasheet
265Kb / 3P
BOARD INSERTION FORCE: 16 OZ MAX PER CONTACT PAIR WHEN USING A .062 TEST BLADE
C50DRY SILABS-C50DRY Datasheet
107Kb / 3P
PLATING: SEE PART NUMBER CODING OPERTING
More results


Similar Description - C50D

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
AR50A WTE-AR50A Datasheet
24Kb / 2P
50A AUTOMOTIVE BUTTON DIODE
C25A WTE-C25A_06 Datasheet
29Kb / 2P
25A AUTOMOTIVE CELL DIODE
C50A WTE-C50A_06 Datasheet
42Kb / 2P
50A AUTOMOTIVE CELL DIODE
C5020 WTE-C5020 Datasheet
42Kb / 2P
50A AVALANCHE AUTOMOTIVE CELL DIODE
ARS50A WTE-ARS50A_06 Datasheet
68Kb / 3P
50A AUTOMOTIVE BUTTON DIODE
C25A WTE-C25A_14 Datasheet
31Kb / 2P
25A AUTOMOTIVE CELL DIODE
C35A WTE-C35A_14 Datasheet
31Kb / 2P
35A AUTOMOTIVE CELL DIODE
C5020 WTE-C5020_14 Datasheet
31Kb / 2P
50A AVALANCHE AUTOMOTIVE CELL DIODE
logo
Nanjing International G...
ARS50G DGNJDZ-ARS50G Datasheet
531Kb / 3P
50A AUTOMOTIVE BUTTON DIODE
ARS50 DGNJDZ-ARS50 Datasheet
55Kb / 3P
50A AUTOMOTIVE BUTTON DIODE
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com