Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP3534R Datasheet (PDF) - Naina Semiconductor ltd.

Part # NP3534R
Description  TVS Auto Rectifier, 35A
File Size   117.78 Kbytes
Html View  1   2 
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

NP3534R Datasheet (PDF) - Naina Semiconductor ltd.



Similar Part No. - NP3534R

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
NP353 SHUNYE-NP353 Datasheet
198Kb / 2P
1/2 PRESS-FIT STRAIGHT LEAD DIODES
More results


Similar Description - NP3534R

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
C35A WTE-C35A Datasheet
23Kb / 2P
35A AUTOMOTIVE RECTIFIER CELL
logo
NTE Electronics
NTE5390 NTE-NTE5390 Datasheet
20Kb / 2P
Silicon Bridge Rectifier, 35A
logo
Vicor Corporation
05963 VICOR-05963 Datasheet
50Kb / 1P
BRIDGE RECTIFIER, 600V, 35A
logo
TAITRON Components Inco...
ARS2535 TAITRON-ARS2535 Datasheet
108Kb / 3P
35A Controlled Avalanche TVS
logo
Naina Semiconductor ltd...
NP2520R NAINA-NP2520R Datasheet
117Kb / 2P
TVS Auto Rectifier, 25A
NP5020R NAINA-NP5020R Datasheet
117Kb / 2P
TVS Auto Rectifier, 50A
NP2520 NAINA-NP2520 Datasheet
117Kb / 2P
TVS Auto Rectifier, 25A
NP3520 NAINA-NP3520 Datasheet
117Kb / 2P
TVS Auto Rectifier, 35A
NP5020 NAINA-NP5020 Datasheet
117Kb / 2P
TVS Auto Rectifier, 50A
logo
FutureWafer Tech Co.,Lt...
GBJ3504A FUTUREWAFER-GBJ3504A Datasheet
829Kb / 4P
35A Bridge Rectifier
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com