Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G2RK-2 Datasheet (PDF) - Omron Electronics LLC

Part # G2RK-2
Description  Creepage distance of 8.0 mm min. between coil and con tact.
File Size   656.97 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2RK-2 Datasheet (PDF) - Omron Electronics LLC



Similar Part No. - G2RK-2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2RK-2 OMRON-G2RK-2 Datasheet
1Mb / 19P
PCB Relay A Power Relay for a Variety of Purposes with Various Models
G2RK-2 OMRON-G2RK-2 Datasheet
562Kb / 14P
Power PCB Relay
G2RK-2 OMRON-G2RK-2 Datasheet
2Mb / 14P
The Best Seller G2R
G2RK-2 OMRON-G2RK-2 Datasheet
2Mb / 14P
1General purpose power Relays of single-pole10 A and double-pole 5 A.
G2RK-2 OMRON-G2RK-2 Datasheet
2Mb / 14P
1General purpose power Relays of single-pole10 A and double-pole 5 A.
More results


Similar Description - G2RK-2

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC110L SHARP-PC110L Datasheet
98Kb / 6P
Long Creepage Distance Type Photocoupler
PC121 SHARP-PC121 Datasheet
387Kb / 6P
LONG CREEPAGE DISTANCE TYPE PHOTOCOUPLER
logo
DinTek Semiconductor Co...
DTS6401 DINTEK-DTS6401 Datasheet
3Mb / 10P
Power MOSFET Sink to Lead Creepage Distance = 4.8 mm
logo
Omron Electronics LLC
G2R-1A-E-T130-DC24 OMRON-G2R-1A-E-T130-DC24 Datasheet
656Kb / 12P
Creepage distance of 8.0 mm min. between coil and con - tact.
logo
Kersemi Electronic Co.,...
IRFI530G KERSEMI-IRFI530G Datasheet
1Mb / 7P
Sink to Lead Creepage Distance = 4.8 mm
IRFI540G KERSEMI-IRFI540G Datasheet
1Mb / 7P
Sink to Lead Creepage Distance = 4.8 mm
logo
Murata Manufacturing Co...
GRM022C81C103ME01 MURATA1-GRM022C81C103ME01 Datasheet
176Kb / 2P
Distance between external terminals g
logo
Bourns Electronic Solut...
HCTSM100304FL BOURNS-HCTSM100304FL Datasheet
433Kb / 3P
HCTSM100304FL High Clearance and Creepage Distance Transformer
REV. 05/22
HCTSM150102HL BOURNS-HCTSM150102HL Datasheet
768Kb / 4P
HCTSM150102HL High Clearance and Creepage Distance Transformer
REV. 07/22
HCTSM8 BOURNS-HCTSM8 Datasheet
786Kb / 5P
HCTSM8 Series - High Clearance and Creepage Distance Transformers
REV. 05/22
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com