Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

686LP4E Datasheet (PDF) - Hittite Microwave Corporation

Part # 686LP4E
Description  BiCMOS MIXER W/ INTEGRATED LO AMPLIFIER, 700 - 1500 MHz
File Size   1133.43 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

686LP4E Datasheet (PDF) - Hittite Microwave Corporation



Similar Part No. - 686LP4E

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
686LBA400M2AC ILLINOISCAPACITOR-686LBA400M2AC Datasheet
399Kb / 6P
Standard 2000 hrs
686LBA400M2AC ILLINOISCAPACITOR-686LBA400M2AC Datasheet
394Kb / 6P
Multiple case sizes - High voltage ??High Current
686LBA400M2AC ILLINOISCAPACITOR-686LBA400M2AC Datasheet
551Kb / 6P
Multiple Case Sizes - High Voltage ??High Current
686LBA400M2AC ILLINOISCAPACITOR-686LBA400M2AC Datasheet
128Kb / 1P
SNAP-IN / SNAP MOUNT
686LBA450M2AD ILLINOISCAPACITOR-686LBA450M2AD Datasheet
399Kb / 6P
Standard 2000 hrs
More results


Similar Description - 686LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC785LP4E HITTITE-HMC785LP4E Datasheet
499Kb / 12P
BiCMOS MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC786LP4E HITTITE-HMC786LP4E Datasheet
393Kb / 10P
BiCMOS MIXER W/ INTEGRATED LO AMPLIFIER, 700 - 1100 MHz
HMC685LP4 HITTITE-HMC685LP4 Datasheet
371Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC687LP4 HITTITE-HMC687LP4 Datasheet
367Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC689LP4 HITTITE-HMC689LP4 Datasheet
302Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 2.0 - 2.7 GHz
HMC684LP4 HITTITE-HMC684LP4_10 Datasheet
605Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 700 - 1000 MHz
HMC685LP4 HITTITE-HMC685LP4_10 Datasheet
743Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC687LP4 HITTITE-HMC687LP4_10 Datasheet
731Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC688LP4 HITTITE-HMC688LP4 Datasheet
870Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 2.0 - 2.7 GHz
HMC786LP4E HITTITE-HMC786LP4E_10 Datasheet
770Kb / 10P
BiCMOS MIXER W/ INTEGRATED LO AMPLIFIER, 700 - 1100 MHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com