Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

479MP86E Datasheet (PDF) - Hittite Microwave Corporation

Part # 479MP86E
Description  SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
File Size   224.02 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

479MP86E Datasheet (PDF) - Hittite Microwave Corporation



Similar Part No. - 479MP86E

ManufacturerPart #DatasheetDescription
logo
Walther-Werke
479 WALTHER-479 Datasheet
437Kb / 4P
Channel installation sockets IP 44
479 306 SW WALTHER-479 306 SW Datasheet
401Kb / 2P
IEC60309 PIN & SLEEVE DEVICES • LIGHT & STAGE DEVICES
479 406 SW WALTHER-479 406 SW Datasheet
401Kb / 2P
IEC60309 PIN & SLEEVE DEVICES • LIGHT & STAGE DEVICES
479 SW WALTHER-479 SW Datasheet
401Kb / 2P
IEC60309 PIN & SLEEVE DEVICES • LIGHT & STAGE DEVICES
logo
Schurter Inc.
4790 SCHURTER-4790 Datasheet
341Kb / 2P
IEC Connector C19, Rewireable, Angled
More results


Similar Description - 479MP86E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC479ST89 HITTITE-HMC479ST89 Datasheet
234Kb / 6P
SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5.0 GHz
HMC478ST89 HITTITE-HMC478ST89 Datasheet
335Kb / 6P
SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4.0 GHz
HMC476SC70 HITTITE-HMC476SC70 Datasheet
264Kb / 6P
SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6 GHz
HMC471MS8G HITTITE-HMC471MS8G_09 Datasheet
307Kb / 8P
SiGe HBT DUAL CHANNEL GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC478ST89 HITTITE-HMC478ST89_10 Datasheet
237Kb / 6P
SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC479ST89 HITTITE-HMC479ST89_10 Datasheet
238Kb / 6P
SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC481MP86 HITTITE-HMC481MP86_10 Datasheet
225Kb / 6P
SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC481ST89 HITTITE-HMC481ST89_10 Datasheet
230Kb / 6P
SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC482ST89 HITTITE-HMC482ST89_10 Datasheet
244Kb / 6P
SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 5 GHz
HMC478SC70 HITTITE-HMC478SC70_09 Datasheet
211Kb / 6P
SiGe HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com