Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KNP3W Datasheet (PDF) - RFE international

Part # KNP3W
Description  POWER RESISTORS: WIRE WOUND KN(P & Y) Series: Tubular Wire Wound
File Size   69.01 Kbytes
Html View  1 
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

KNP3W Datasheet (PDF) - RFE international



Similar Part No. - KNP3W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KNP300 ETC2-KNP300 Datasheet
132Kb / 1P
Wirewound Resistors
logo
YAGEO Corporation
KNP300 YAGEO-KNP300 Datasheet
2Mb / 21P
WIREWOUND RESISTORS
April 1, 2024 V.5
logo
List of Unclassifed Man...
KNP300S ETC2-KNP300S Datasheet
132Kb / 1P
Wirewound Resistors
logo
KIA Semiconductor Techn...
KNP3206A KIA-KNP3206A Datasheet
205Kb / 7P
110A竊?0V N-CHANNEL MOSFET
KNP3208A KIA-KNP3208A Datasheet
447Kb / 8P
100A竊?5V N-CHANNEL MOSFET
More results


Similar Description - KNP3W

ManufacturerPart #DatasheetDescription
logo
Dubilier
DWR01J75RT52 DUBILIER-DWR01J75RT52 Datasheet
326Kb / 2P
Resistors Power Wire Wound Resistors
logo
UNIOHM CORPORATION
R-10W UNIOHM-R-10W Datasheet
488Kb / 1P
Power Type Wire Wound Resistors Non Flammable Wire Wound Resistor
logo
List of Unclassifed Man...
MCKNP03SJ0270A19 ETC2-MCKNP03SJ0270A19 Datasheet
397Kb / 10P
Wire Wound Fixed Resistors
RW1S ETC-RW1S Datasheet
832Kb / 1P
WIRE WOUND RESISTORS
GG102A ETC-GG102A Datasheet
598Kb / 1P
PRECISION WIRE WOUND RESISTORS
5G10A ETC-5G10A Datasheet
557Kb / 1P
PRECISION WIRE WOUND RESISTORS
logo
Dubilier
DWR DUBILIER-DWR Datasheet
326Kb / 2P
Power Wire Wound Resistors
logo
RFE international
FKN RFE-FKN Datasheet
1Mb / 2P
Fusible Wire Wound Resistors
19-JUN-2023
KNP RFE-KNP Datasheet
1Mb / 3P
Wire Wound Resistors
OCT-25-2023
SKN RFE-SKN Datasheet
971Kb / 3P
Wire Wound Resistors
OCT-30-2023
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com