Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1396 Datasheet (PDF) - Linear Technology

Part # LT1396
Description  Single/Dual/Quad 400MHz Current Feedback Amplifier
File Size   741.5 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1396 Datasheet (PDF) - Linear Technology



Similar Part No. - LT1396

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1396 LINER-LT1396 Datasheet
196Kb / 12P
Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1396 LINER-LT1396 Datasheet
380Kb / 16P
Single/Dual Operational Amplifiers
LT1396CMS8 LINER-LT1396CMS8 Datasheet
196Kb / 12P
Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1396CS8 LINER-LT1396CS8 Datasheet
196Kb / 12P
Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1396 LINER-LT1396_15 Datasheet
329Kb / 20P
Single/Dual/Quad 400MHz Current Feedback Amplifier
More results


Similar Description - LT1396

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC446 NSC-CLC446 Datasheet
157Kb / 12P
400MHz, 50mW Current-Feedback Op Amp
LM6104 NSC-LM6104 Datasheet
118Kb / 6P
Quad Gray Scale Current Feedback Amplifier
logo
Linear Technology
LT1395 LINER-LT1395 Datasheet
196Kb / 12P
Single/Dual/Quad 400MHz Current Feedback Amplifier
logo
Maxim Integrated Produc...
MAX4112 MAXIM-MAX4112 Datasheet
167Kb / 12P
Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
19-0440; Rev 2; 4/97
logo
Intersil Corporation
HA5025 INTERSIL-HA5025_03 Datasheet
336Kb / 15P
Quad, 125MHz Video Current Feedback Amplifier
May 2003
logo
Linear Technology
LT1395 LINER-LT1395_15 Datasheet
329Kb / 20P
Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1396 LINER-LT1396_15 Datasheet
329Kb / 20P
Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1397 LINER-LT1397_15 Datasheet
329Kb / 20P
Single/Dual/Quad 400MHz Current Feedback Amplifier
logo
Texas Instruments
LMH6723 TI1-LMH6723 Datasheet
1Mb / 28P
Single/Dual/Quad 370-MHz, 1-mA Current Feedback Operational Amplifier
logo
Maxim Integrated Produc...
MAX4112 MAXIM-MAX4112_V01 Datasheet
577Kb / 12P
Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
2007
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com