Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZYSWA-2-50DR Datasheet (PDF) - Mini-Circuits

Part # ZYSWA-2-50DR
Description  SWITCHES GAAS SP4T WITH TTL Drivers DC to 3 GHz
File Size   72.39 Kbytes
Html View  1   2 
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZYSWA-2-50DR Datasheet (PDF) - Mini-Circuits



Similar Description - ZYSWA-2-50DR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0020 MACOM-MASWSS0020 Datasheet
261Kb / 5P
GaAs SP4T 2.5V High Power Switch DC - 3 GHz
SW-314 MACOM-SW-314 Datasheet
229Kb / 3P
GaAs SP4T Absorptive Switch, DC - 3 GHz
SW15-0314 MACOM-SW15-0314 Datasheet
228Kb / 3P
GaAs SP4T Absorptive Switch, DC - 3 GHz
SW65-0440 MACOM-SW65-0440 Datasheet
304Kb / 4P
GaAs SP4T Absorptive Switch with ASIC Driver, DC - 3 GHz
logo
Hittite Microwave Corpo...
HMC165S14 HITTITE-HMC165S14 Datasheet
62Kb / 4P
GaAS MMIC SP4T SWITCH DC TO 2.0 GHz
logo
Tyco Electronics
MASW-007813 MACOM-MASW-007813 Datasheet
98Kb / 4P
GaAs SP4T High Power Switch DC - 3 GHz
MASW4060G MACOM-MASW4060G Datasheet
63Kb / 3P
GaAs SP4T Switch DC - 4.0 GHz
logo
Hexawave, Inc
HWS451 HW-HWS451 Datasheet
126Kb / 2P
GaAs DC-6 GHz SP4T Switch
logo
M/A-COM Technology Solu...
MASW-007813 MA-COM-MASW-007813 Datasheet
112Kb / 4P
GaAs SP4T High Power Switch DC - 3 GHz
MASW4060G MA-COM-MASW4060G Datasheet
97Kb / 3P
GaAs SP4T Switch DC - 4.0 GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com