Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP2HD4K60H Datasheet (PDF) - StarTech.com Ltd.

Part # DP2HD4K60H
Description  DisplayPort to HDMI Adapter with HDR - 4K 60Hz - Black
File Size   178.25 Kbytes
Html View  1   2   3   4   5 
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DP2HD4K60H Datasheet (PDF) - StarTech.com Ltd.



Similar Part No. - DP2HD4K60H

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
DP2 GRAYHILL-DP2 Datasheet
871Kb / 6P
Miniature Toggle Switches
logo
Copal Electronics
DP2 COPAL-DP2 Datasheet
715Kb / 5P
Directing Switches
DP2-101-RL2-Z COPAL-DP2-101-RL2-Z Datasheet
715Kb / 5P
Directing Switches
DP2-101B-RL2-Z COPAL-DP2-101B-RL2-Z Datasheet
715Kb / 5P
Directing Switches
DP2-101B-RL2-Z COPAL-DP2-101B-RL2-Z Datasheet
715Kb / 5P
Directing Switches
More results


Similar Description - DP2HD4K60H

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P136000UHDV2 TRIPPLITE-P136000UHDV2 Datasheet
508Kb / 2P
DisplayPort to HDMI 4K Video Adapter, DP 1.2 to HDMI Active Audio - Video Converter
P134-06N-MDP TRIPPLITE-P134-06N-MDP Datasheet
169Kb / 3P
DisplayPort to Mini DisplayPort Cable Adapter, 3840 x 2160 (4K x 2K) @ 60Hz (M/F), 6 in.
P136-06N-HDR-W TRIPPLITE-P136-06N-HDR-W Datasheet
163Kb / 3P
DisplayPort to HDMI 4K Active Adapter with HDR - M/F, 4K @ 60 Hz, DP 1.2, HDMI 2.0, HDCP 2.2, White
P137-06N-HDR-W TRIPPLITE-P137-06N-HDR-W Datasheet
162Kb / 3P
Mini DisplayPort to HDMI 4K Active Adapter with HDR - M/F, 4K @ 60 Hz, DP 1.2, HDMI 2.0, White
P142-000-UP TRIPPLITE-P142-000-UP Datasheet
167Kb / 2P
HDMI Right Angle Up Adapter / Coupler (M/F), 4K @ 60Hz
P583-010 TRIPPLITE-P583-010 Datasheet
154Kb / 2P
Mini DisplayPort to DisplayPort 4K @60Hz Adapter, DisplayPort 1.2, mDP to DP Cable (M/M), 10 ft.
P583-010-BK TRIPPLITE-P583-010-BK Datasheet
172Kb / 3P
Mini DisplayPort to DisplayPort 4K @60Hz Adapter Cable (M/M), 4096 x 2160 (4K x 2K), Black, 10 ft.
logo
IOGEAR
GMDPHDW6 IOGEAR-GMDPHDW6 Datasheet
143Kb / 3P
Mini DisplayPort to HDMI Adapter Cable
GMDPHD4KA IOGEAR-GMDPHD4KA Datasheet
151Kb / 3P
Active Mini DisplayPort to HDMI Adapter with 4K Support
logo
Tripp Lite. All Rights ...
P583-003-BK TRIPPLITE-P583-003-BK_V01 Datasheet
52Kb / 3P
Mini DisplayPort to DisplayPort Adapter Cable, 4K 60Hz (M/M), DP Latching Connector, Black, 3 ft. (0.9 m)
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com