Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSG91428 Datasheet (PDF) - Pro-Signal

Part # PSG91428
Description  USB 2.0 Type A Plug to Type A Plug
File Size   143.57 Kbytes
Html View  1 
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

PSG91428 Datasheet (PDF) - Pro-Signal



Similar Part No. - PSG91428

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
PSG91420 PROSIGNAL-PSG91420 Datasheet
182Kb / 1P
USB Cable Type A Plug to Type A Receptacle
V1.0 11/10/21
PSG91421 PROSIGNAL-PSG91421 Datasheet
182Kb / 1P
USB Cable Type A Plug to Type A Receptacle
V1.0 11/10/21
PSG91422 PROSIGNAL-PSG91422 Datasheet
182Kb / 1P
USB Cable Type A Plug to Type A Receptacle
V1.0 11/10/21
PSG91423 PROSIGNAL-PSG91423 Datasheet
182Kb / 1P
USB Cable Type A Plug to Type A Receptacle
V1.0 11/10/21
PSG91424 PROSIGNAL-PSG91424 Datasheet
167Kb / 1P
USB Cable Type A Plug to Type B Plug
V1.0 11/10/21
More results


Similar Description - PSG91428

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
17-200121 CONEC-17-200121 Datasheet
626Kb / 1P
IP67 USB 2.0 Type A Plug Assembly Kit
logo
List of Unclassifed Man...
MC001001 ETC2-MC001001 Datasheet
156Kb / 1P
USB C to USB 2.0 A Plug Cable
logo
Rosenberger Hochfrequen...
MU1S101-000 ROSENBERGER-MU1S101-000 Datasheet
745Kb / 2P
USB 2.0 A PLUG
L99-989-800 ROSENBERGER-L99-989-800 Datasheet
725Kb / 2P
USB 2.0 A MALE TO USB 2.0 TYPE-B
MU1S101-000Z ROSENBERGER-MU1S101-000Z Datasheet
745Kb / 2P
USB 2.0 A PLUG
logo
Pulse A Technitrol Comp...
E8199-060-01 PULSE-E8199-060-01 Datasheet
180Kb / 2P
USB 3.0 A TYPE PLUG
logo
Virginia Panel Corporat...
7-103872596-036 VPC-7-103872596-036 Datasheet
89Kb / 1P
Signal Patchcord, ITA, TriPaddle, 36', USB 2.0 Wire, to USB Type A Plug
7-103872596-072 VPC-7-103872596-072 Datasheet
89Kb / 1P
Signal Patchcord, ITA, TriPaddle, 72", USB 2.0 Wire, to USB Type A Plug
7-124872596-036 VPC-7-124872596-036 Datasheet
91Kb / 1P
Signal Patchcord, Receiver, QuadraPaddle, 36", USB 2.0 Wire,to USB Type A Plug
7-124872596-072 VPC-7-124872596-072 Datasheet
91Kb / 1P
Signal Patchcord, Receiver, QuadraPaddle, 72", USB 2.0 Wire,to USB Type A Plug
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com