Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS480 Datasheet (PDF) - ABB

Part # ACS480
Description  ABB general purpose drives ACS480, 0.75 to 22 kW
File Size   165.71 Kbytes
Html View  1   2 
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

ACS480 Datasheet (PDF) - ABB



Similar Part No. - ACS480

ManufacturerPart #DatasheetDescription
logo
ABB
ACS480-04-018A-4 ABB-ACS480-04-018A-4 Datasheet
371Kb / 2P
ACS480-04-018A-4 Pcont.max:7,5kW, Icont.max:16,2A
ACS480-04-026A-4 ABB-ACS480-04-026A-4 Datasheet
303Kb / 2P
ACS480-04-026A-4 Pcont.max:11kW, Icont.max:23,8A
ACS480-04-02A7-4 ABB-ACS480-04-02A7-4 Datasheet
371Kb / 2P
ACS480-04-02A7-4 Pcont.max:0,75kW, Icont.max:2,5A
ACS480-04-033A-4 ABB-ACS480-04-033A-4 Datasheet
302Kb / 2P
ACS480-04-033A-4 Pcont.max:15kW, Icont.max:30,5A
ACS480-04-03A4-4 ABB-ACS480-04-03A4-4 Datasheet
302Kb / 2P
ACS480-04-03A4-4 Pcont.max:1,1kW, Icont.max:3,1A
More results


Similar Description - ACS480

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM150CSE060 MITSUBISHI-PM150CSE060 Datasheet
135Kb / 6P
General purpose inverter, servo drives and other motor controls
PM200RSE060 MITSUBISHI-PM200RSE060 Datasheet
127Kb / 6P
General purpose inverter, servo drives and other motor controls
PM300RSE060 MITSUBISHI-PM300RSE060 Datasheet
127Kb / 6P
General purpose inverter, servo drives and other motor controls
logo
International Rectifier
IRPT1058A IRF-IRPT1058A Datasheet
213Kb / 12P
Power Module for 0.75 hp Motor Drives
logo
Mitsubishi Electric Sem...
PM100RLA060 MITSUBISHI-PM100RLA060 Datasheet
101Kb / 6P
General purpose inverter,servo drives and other otor controls
logo
International Rectifier
IRPT1057A IRF-IRPT1057A Datasheet
229Kb / 11P
Power Module for 0.75 hp Motor Drives
IRPT1058 IRF-IRPT1058 Datasheet
311Kb / 12P
Integrated Power Stage for 0.75 hp Motor Drives
logo
NXP Semiconductors
PUMD2 NXP-PUMD2 Datasheet
98Kb / 16P
NPN/PNP resistor-equipped transistors; R1 = 22 kW, R2 = 22 kW
Rev. 07-24 September 2008
logo
Bel Fuse Inc.
BCL25-700-8 BEL-BCL25-700-8 Datasheet
626Kb / 9P
22/25 kW Battery Charger
logo
ABB
ACS355 ABB-ACS355 Datasheet
109Kb / 2P
ABB machinery drives ABB machinery drives
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com