| Manufacturer | Part # | Datasheet | Description |
 Gilway Technical Lamp |
155-1485
|
59Kb / 1P |
H190 HOLDER FOR ML11 LAMPS
|
 Integrated Circuit Syst... |
SF0140CF51902T
|
186Kb / 2P |
140.0 MHz Filter 0.75 MHz Bandwidth
Rev 1.1 |
 API Technologies Corp |
SF0140CF51902T
|
190Kb / 2P |
140.0 MHz Filter 0.75 MHz Bandwidth
|
|
SF0070CD03096T
|
177Kb / 3P |
70 MHz SAW Filter 0.75 MHz Bandwidth
|
 Roithner LaserTechnik G... |
10146
|
206Kb / 1P |
Holder for 10158
|
 PHOENIX CONTACT |
WF-1000-COV
|
53Kb / 2P |
Waste holder for stripping machine
|
|
1064998
|
52Kb / 2P |
Crimping pliers - CRIMPFOX-P CC 0.75 L
|
 Schurter Inc. |
0098.0043
|
175Kb / 2P |
Mounting accessories for fuse holder
04.10.2021 |
 FIBOX Enclosing innovat... |
3540858
|
40Kb / 1P |
Grille/filter holder
17.08.2023 |
|
3540859
|
41Kb / 1P |
Holder for fan
17.08.2023 |