Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPC0247 Datasheet (PDF) - Proto Advantage SMD Adapter

Part # IPC0247
Description  Module-6 to DIP-6 SMT Adapter (0.966 mm pitch, 3.76 x 3.00 mm body)
File Size   169.76 Kbytes
Html View  1   2 
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0247 Datasheet (PDF) - Proto Advantage SMD Adapter



Similar Part No. - IPC0247

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0240 PROTOADVANTAGE-IPC0240 Datasheet
169Kb / 2P
DFN-6 to DIP-6 SMT Adapter (1.0 mm pitch, 2.6 x 2.2 mm body)
revision 1.0
IPC0241 PROTOADVANTAGE-IPC0241 Datasheet
193Kb / 2P
DFN-12 to DIP-16 SMT Adapter (0.4 mm pitch, 2.5 x 2.5 mm body)
revision 1.0
IPC0242 PROTOADVANTAGE-IPC0242 Datasheet
198Kb / 1P
Module-29 to DIP-32 SMT Adapter (1.016 mm pitch, 21.72 x 14.73 mm body)
revision 1.0
IPC0243 PROTOADVANTAGE-IPC0243 Datasheet
169Kb / 2P
DFN-6 to DIP-10 SMT Adapter (0.8 mm pitch, 2.45 x 2.45 mm body)
revision 1.0
IPC0244 PROTOADVANTAGE-IPC0244 Datasheet
167Kb / 2P
BGA-4 to DIP-4 SMT Adapter (0.35 mm pitch, 0.64 x 0.64 mm body)
revision 1.0
More results


Similar Description - IPC0247

ManufacturerPart #DatasheetDescription
logo
GREATECS
TP1 GREATECS-TP1 Datasheet
163Kb / 2P
Standard 6 x 6 mm Tactile Switches
TP2 GREATECS-TP2 Datasheet
159Kb / 1P
6 x 6 mm THT Tactile Switches with Ground Terminal
TP3 GREATECS-TP3 Datasheet
221Kb / 1P
6 x 6 mm Washable Tactile Switches
TP6 GREATECS-TP6 Datasheet
189Kb / 1P
6 x 3.5 mm Tactile Switches
logo
Analog Devices
CP-40-1 AD-CP-40-1 Datasheet
76Kb / 1P
40-Lead Lead Frame Chip Scale Package [LFCSP_VQ] 6 x 6 mm Body, Very Thin Quad
logo
Infineon Technologies A...
TDA21220 INFINEON-TDA21220 Datasheet
1Mb / 26P
High-Per formance DrMOS 6 mm x 6 mm x 0.8 mm IQFN
Revision 1.9, 2011-03-31
logo
ILSI America LLC
38-BX0F12.5-32.768 ILSI-38-BX0F12.5-32.768 Datasheet
51Kb / 2P
2 Lead Metal Package Crystal, 3 mm x 8 mm, 2 mm x 6 mm, 1 mm x 5 mm
logo
List of Unclassifed Man...
B3F1020 ETC2-B3F1020 Datasheet
1Mb / 9P
A Wide Range of Models: 6 x 6 mm, 12 x 12 mm, Vertical and High-force.
logo
C&K Components
PTS645VN13SMTR92LFS CK-COMPONENTS-PTS645VN13SMTR92LFS Datasheet
213Kb / 2P
6 mm SMT Side Actuated Tact Switch
PTS645V CK-COMPONENTS-PTS645V Datasheet
270Kb / 3P
6 mm SMT Side Actuated Tact Switch
14 Nov 22
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com