Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPC0239 Datasheet (PDF) - Proto Advantage SMD Adapter

Part # IPC0239
Description  RN15 (15.24 x 15.24 mm, 1.27 mm pitch)
File Size   105.84 Kbytes
Html View  1   2 
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0239 Datasheet (PDF) - Proto Advantage SMD Adapter



Similar Part No. - IPC0239

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0230 PROTOADVANTAGE-IPC0230 Datasheet
106Kb / 2P
LED-6/DFN-6 to DIP-6 SMT Adapter (0.65 mm pitch, 2 x 2.4 mm body)
revision 1.0
IPC0231 PROTOADVANTAGE-IPC0231 Datasheet
105Kb / 2P
LED-3 to DIP-4 SMT Adapter (1.1 mm pitch, 4 x 2 mm body)
revision 1.0
IPC0232 PROTOADVANTAGE-IPC0232 Datasheet
107Kb / 2P
HTQFP-64 to DIP-68 SMT Adapter (0.8 mm pitch, 14 x 14 mm body)
revision 1.0
IPC0233 PROTOADVANTAGE-IPC0233 Datasheet
106Kb / 2P
HTQFP-100 to DIP-104 SMT Adapter (0.5 mm pitch, 14 x 14 mm body)
revision 1.0
IPC0234 PROTOADVANTAGE-IPC0234 Datasheet
107Kb / 2P
HTQFP-80 to DIP-84 SMT Adapter (0.5 mm pitch, 12 x 12 mm body)
revision 1.0
More results


Similar Description - IPC0239

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
MS-106-3 PIC-MS-106-3 Datasheet
23Kb / 1P
Miniature Reed Sensor - pitch 15.24 mm
logo
Aries Electronics, Inc.
44-647-10 ARIES-44-647-10 Datasheet
842Kb / 1P
Universal SOIC-to-DIP 0.600 [15.24] Adapter
32-655000-10 ARIES-32-655000-10 Datasheet
676Kb / 1P
TSOP-to-DIP 0.600 [15.24] Adapter
logo
DB Lectro Inc
MS-106-3 DBLECTRO-MS-106-3 Datasheet
23Kb / 1P
Miniature Reed Sensor ??pitch 15.24 mm
logo
EPCOS
B82479A1 EPCOS-B82479A1 Datasheet
541Kb / 7P
SMT power inductors Size 18.54 x 15.24 x 7.11 (mm) Winding: enamel copper wire
logo
Aries Electronics, Inc.
10016 ARIES-10016 Datasheet
880Kb / 1P
SOIC-to-DIP 0.600 [15.24] Adapter
18041 ARIES-18041 Datasheet
746Kb / 1P
Series 655000 TSOP-to-DIP 0.600 15.24 Adapter
logo
Lumberg
AZ30 LUMBERG-AZ30 Datasheet
311Kb / 3P
Micromodul connectors, pitch 1.27 mm
MICAL LUMBERG-MICAL_18 Datasheet
738Kb / 3P
Micromodul connectors, pitch 1.27 mm
logo
Samtec, Inc
SFC SAMTEC-SFC Datasheet
324Kb / 1P
(1.27 mm) .050
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com