Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPC0189 Datasheet (PDF) - Proto Advantage SMD Adapter

Part # IPC0189
Description  QFN-28 to DIP-28 SMT Adapter (0.65 mm pitch, 6 x 6 mm body)
File Size   108.03 Kbytes
Html View  1   2 
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0189 Datasheet (PDF) - Proto Advantage SMD Adapter



Similar Part No. - IPC0189

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0180 PROTOADVANTAGE-IPC0180 Datasheet
44Kb / 2P
QFN-14 to DIP-18 SMT Adapter (0.5 mm pitch, 3 x 2.5 mm body)
revision 1.0
IPC0181 PROTOADVANTAGE-IPC0181 Datasheet
44Kb / 2P
QFN-12 to DIP-12 SMT Adapter (0.4 mm pitch, 2 x 1.7 mm body)
revision 1.0
IPC0182 PROTOADVANTAGE-IPC0182 Datasheet
44Kb / 2P
LGA-10 to DIP-10 SMT Adapter (0.4 mm pitch, 1.55 x 1.15 mm body)
revision 1.0
IPC0183 PROTOADVANTAGE-IPC0183 Datasheet
44Kb / 2P
PowerPAD-20/PowerSOIC-20 to DIP-24 SMT Adapter (1.27 mm pitch, 300 mil body)
revision 1.0
IPC0184 PROTOADVANTAGE-IPC0184 Datasheet
44Kb / 2P
PowerPAD-24/PowerSOIC-24 to DIP-28 SMT Adapter (1.27 mm pitch, 300 mil body)
revision 1.0
More results


Similar Description - IPC0189

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
14-35W000-10 ARIES-14-35W000-10 Datasheet
450Kb / 1P
SOWIC-to-DIP Adapter - 14/28 Pins
logo
Infineon Technologies A...
TDA21220 INFINEON-TDA21220 Datasheet
1Mb / 26P
High-Per formance DrMOS 6 mm x 6 mm x 0.8 mm IQFN
Revision 1.9, 2011-03-31
logo
Mallory Sonalert Produc...
SC628 MSPI-SC628 Datasheet
52Kb / 1P
Voltage Rating 6 to 28 VDC
SC628DPR MSPI-SC628DPR Datasheet
52Kb / 1P
Voltage Rating 6 to 28 VDC
SC628HJR MSPI-SC628HJR Datasheet
52Kb / 1P
Voltage Rating 6 to 28 VDC
SC628HR MSPI-SC628HR Datasheet
52Kb / 1P
Voltage Rating 6 to 28 VDC
SC628NPR MSPI-SC628NPR Datasheet
89Kb / 1P
Voltage Rating 6 to 28 VDC
SC628R MSPI-SC628R Datasheet
52Kb / 1P
Voltage Rating 6 to 28 VDC
SC628WR MSPI-SC628WR Datasheet
59Kb / 1P
Voltage Rating 6 to 28 VDC
SC628M MSPI-SC628M Datasheet
55Kb / 1P
Voltage Rating 6 to 28 VDC
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com